Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA2000 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA2000
Description  Audio Level Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2000 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA2000 Datasheet HTML 1Page - Sanyo Semicon Device LA2000 Datasheet HTML 2Page - Sanyo Semicon Device LA2000 Datasheet HTML 3Page - Sanyo Semicon Device LA2000 Datasheet HTML 4Page - Sanyo Semicon Device LA2000 Datasheet HTML 5Page - Sanyo Semicon Device LA2000 Datasheet HTML 6Page - Sanyo Semicon Device LA2000 Datasheet HTML 7Page - Sanyo Semicon Device LA2000 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3.
Time delays and obtaining CRs
When input signals that have been applied at a level not less than –45 dBm are removed, discharging occurs through the CR
connected at pin 2, lowering pin 2 potential. A time delay is provided before the hysteresis comparator turns over.
E1
E0
=−
t
e
τ
E0 : Initial voltage
E1 : Threshold voltage
τ : Time constant
Accordingly,
t=−
τIn
E1
E0
E1/E0, within the IC, is 0.26. A desired time is obtained by an appropriate choice of
τ (τ = C3R1). Therefore, the time delay is
obtained by the following formula:
t = 1.34
× C3R1 (sec)
We recommend 150 k to 500 k
Ω for R when determining CR.
4.
IC usage notes
.
Maximum ratings
When maximum ratings are surpassed, destruction or deterioration may result. Use the IC in the range where the maximum
rating is not exceeded.
.
Interpin short circuits and reverse insertions
These cause destruction or deterioration of the IC: be careful when mounting on circuit board.
.
Voltage applied to pin 8 should never exceed pin 9 voltage.
.
The current flowing into pin 8 is to be 0.5 mA maximum.
.
Pin 4 is unconnected, but is not to be used for GND or an interconnecting terminal.
Note: IC = 600 mA continuous is within 3 seconds
IC = 300 mA continuous is within 30 seconds
IC = 100 mA or less can be left on at all times.
I6 – Duty cycle
Duty cycle – %
Pd max – Ta
Ambient temperature, Ta – °C
Ta = 60°C
or lower
LA2000
No.982-3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com