Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF430 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFF430
Description  N?밅HANNEL ENHANCEMENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFF430 Datasheet(HTML) 1 Page - Seme LAB

  IRFF430 Datasheet HTML 1Page - Seme LAB IRFF430 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
2N6802
IRFF430
Document Number 5357
Issue: 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 10V , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 10V , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
RθJC
Thermal Resistance Junction to Case
RθJA
Thermal Resistance Junction-to-Ambient
±20V
2.5A
1.5A
11A
25W
0.2W/°C
0.35mJ
3.5V/ns
–55 to +150°C
5.0°C/W
175°C/W
MECHANICAL DATA
Dimensions in mm (inches)
0.89
(0.035)
max.
12.70
(0.500)
min.
4.06 (0.16)
4.57 (0.18)
8.64 (0.34)
9.40 (0.37)
8.01 (0.315)
9.01 (0.355)
0.41 (0.016)
0.53 (0.021)
dia.
0.74 (0.029)
1.14 (0.045)
0.71 (0.028)
0.53 (0.021)
2.54
(0.100)
5.08 (0.200)
typ.
45°
1
2
3
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TO39 – Package (TO-205AF)
Notes
1) Pulse Test: Pulse Width
≤ 300µs, δ≤ 2%
2) @ VDD = 50V , Peak IL = 2.5A , Starting TJ = 25°C
3) @ ISD ≤ 2.5A , di/dt ≤ 75A/µs , VDD ≤ BVDSS , TJ ≤ 150°C , SUGGESTED RG = 7.5Ω
N–CHANNEL ENHANCEMENT
MODE POWER MOSFET
FEATURES
• AVALANCHE ENERGY RATED
• HERMETICALLY SEALED
• DYNAMIC dv/dt RATING
• SIMPLE DRIVE REQUIREMENTS
Pin 1 – Source
Pin 2 – Gate
Pin 3 – Drain
BVDSS
500V
ID(cont)
2.5
RDS(on)
1.5
Ω
Ω
Underside View


Similar Part No. - IRFF430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF430 INTERSIL-IRFF430 Datasheet
325Kb / 7P
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRFF430 IRF-IRFF430 Datasheet
133Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
New Jersey Semi-Conduct...
IRFF430 NJSEMI-IRFF430 Datasheet
96Kb / 2P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - IRFF430

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6661DCSM SEME-LAB-2N6661DCSM Datasheet
41Kb / 2P
DUAL N?밅HANNEL ENHANCEMENT MODE
2N6800LCC4 SEME-LAB-2N6800LCC4 Datasheet
102Kb / 2P
N?밅HANNEL ENHANCEMENT MODE
MCA3703 SEME-LAB-MCA3703 Datasheet
24Kb / 2P
QUAD N?밅HANNEL ENHANCEMENT MOSFETS
2N6660CSM4_0809 SEME-LAB-2N6660CSM4_0809 Datasheet
135Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6782 SEME-LAB-2N6782_01 Datasheet
57Kb / 2P
N?밅HANNEL POWER MOSFET ENHANCEMENT MODE
2N6794 SEME-LAB-2N6794_01 Datasheet
57Kb / 2P
N?밅HANNEL ENHANCEMENT MODE POWER MOSFET
2N7000CSM SEME-LAB-2N7000CSM_06 Datasheet
48Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML2308CSM4 SEME-LAB-SML2308CSM4 Datasheet
21Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
ZVN2106B SEME-LAB-ZVN2106B Datasheet
105Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com