Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC394CSM Datasheet(PDF) 2 Page - Seme LAB

Part # BC394CSM
Description  HIGH VOLTAGE NPN AMPLIFIER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC394CSM Datasheet(HTML) 2 Page - Seme LAB

  BC394CSM Datasheet HTML 1Page - Seme LAB BC394CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 9/96
BC394CSM
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 100µA
IC = 10mA
IB = 0
IE = 100µAIC = 0
VCBO = 100V
IE = 0
TA = 150°C
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 10mA
VCE = 10V
VCB = 10V
IE = 0
f = 1.0MHz
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)CEO* Collector - Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
fT
Transition Frequency
CCBO
Capacitor- Base Capacitance
180
180
6
50
50
200
300
400
750
900
850
85
30
100
50
95
5
V
V
V
nA
µA
mV
mV
—
MHz
pF
* Pulse Test: tp = 300µs, δ≤ 1%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com