Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC394CSM Datasheet(PDF) 1 Page - Seme LAB

Part # BC394CSM
Description  HIGH VOLTAGE NPN AMPLIFIER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC394CSM Datasheet(HTML) 1 Page - Seme LAB

  BC394CSM Datasheet HTML 1Page - Seme LAB BC394CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 9/96
BC394CSM
HIGH VOLTAGE NPN
AMPLIFIER TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• SILICON PLANAR EPITAXIAL NPN
TRANSISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• HIGH VOLTAGE AMPLIFIER
APPLICATIONS:
Hermetically sealed surface mount version
of the popular BC394 for high reliability /
space applications requiring small size
and low weight devices.
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IB = 0)
IC
Collector Current
PD
Total Device Dissipation
PD
Derate above 50°C
Rja
Thermal Resistance Junction to Ambient
Tstg
Storage Temperature
180V
180V
6V
100mA
350mW
2.0mW / °C
440°C/W
–55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
SOT23 CERAMIC
(LCC1 PACKAGE)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PAD 1 – Base
Underside View
PAD 2 – Emitter
PAD 3 – Collector
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3


Similar Part No. - BC394CSM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC394 STMICROELECTRONICS-BC394 Datasheet
75Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
logo
Central Semiconductor C...
BC394 CENTRAL-BC394 Datasheet
33Kb / 1P
Small Signal Transistors
logo
STMicroelectronics
BC394 STMICROELECTRONICS-BC394 Datasheet
621Kb / 5P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Seme LAB
BC394 SEME-LAB-BC394 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
logo
Continental Device Indi...
BC394 CDIL-BC394 Datasheet
192Kb / 3P
SILICON PLANAR TRANSISTORS
More results

Similar Description - BC394CSM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE190 NTE-NTE190 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage Amplifier
NTE2585 NTE-NTE2585 Datasheet
18Kb / 2P
Silicon NPN Transistor High Voltage Amplifier
logo
Samsung semiconductor
KSC1009 SAMSUNG-KSC1009 Datasheet
70Kb / 2P
NPN (HIGH VOLTAGE AMPLIFIER)
logo
Fairchild Semiconductor
MPSA42 FAIRCHILD-MPSA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
TN6719A FAIRCHILD-TN6719A Datasheet
24Kb / 2P
NPN High Voltage Amplifier
logo
Motorola, Inc
MPS-U10 MOTOROLA-MPS-U10 Datasheet
262Kb / 3P
NPN SILICON HIGH VOLTAGE AMPLIFIER TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMBTA42 BILIN-MMBTA42 Datasheet
176Kb / 3P
NPN High Voltage Amplifier
Rev.A
MMBTA43 BILIN-MMBTA43 Datasheet
219Kb / 3P
NPN High Voltage Amplifier
Rev.A
logo
Kwang Myoung I.S. CO.,L...
MMBTA42 KISEMICONDUCTOR-MMBTA42 Datasheet
7Mb / 4P
NPN High Voltage Amplifier
logo
Shenzhen Luguang Electr...
MMBTA42 LUGUANG-MMBTA42 Datasheet
663Kb / 3P
NPN High Voltage Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com