Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX98A Datasheet(PDF) 6 Page - STMicroelectronics

Part # BUX98A
Description  High power NPN transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX98A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BUX98A_08 Datasheet HTML 2Page - STMicroelectronics BUX98A_08 Datasheet HTML 3Page - STMicroelectronics BUX98A_08 Datasheet HTML 4Page - STMicroelectronics BUX98A_08 Datasheet HTML 5Page - STMicroelectronics BUX98A_08 Datasheet HTML 6Page - STMicroelectronics BUX98A_08 Datasheet HTML 7Page - STMicroelectronics BUX98A_08 Datasheet HTML 8Page - STMicroelectronics BUX98A_08 Datasheet HTML 9Page - STMicroelectronics BUX98A_08 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical characteristics
BUX98A
6/11
Figure 8.
Resistive load switching times (off) Figure 9.
Reverse biased SOA
t (µs)
1
0.1
0
5
IC(A)
10
10
VCC = 150 V, VBE(off) = -5 V,
IB(on) = -IB(off), hFE = 5
Storage time
Fall time
15
20
25
AM03279v1
VCE
10
0
10
IC(A)
100
20
VBE(off) = -5 V
RBE(off) = 0
hFE = 5
L = 100 µH
1000
(V)
30
AM03280v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com