Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX98A Datasheet(PDF) 5 Page - STMicroelectronics

Part # BUX98A
Description  High power NPN transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX98A Datasheet(HTML) 5 Page - STMicroelectronics

  BUX98A_08 Datasheet HTML 1Page - STMicroelectronics BUX98A_08 Datasheet HTML 2Page - STMicroelectronics BUX98A_08 Datasheet HTML 3Page - STMicroelectronics BUX98A_08 Datasheet HTML 4Page - STMicroelectronics BUX98A_08 Datasheet HTML 5Page - STMicroelectronics BUX98A_08 Datasheet HTML 6Page - STMicroelectronics BUX98A_08 Datasheet HTML 7Page - STMicroelectronics BUX98A_08 Datasheet HTML 8Page - STMicroelectronics BUX98A_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BUX98A
Electrical characteristics
5/11
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Derating curve
Figure 4.
DC current gain
Figure 5.
Collector-emitter saturation voltage
Figure 6.
Base-emitter saturation voltage
Figure 7.
Resistive load switching times (on)
hFE
20
0
0.1
1
IC(A)
10
40
60
VCE= 5 V
Tj= 25 °C
Tj= 125 °C
AM03275v1
VCE(sat)
0.5
0
0.1
1
IC(A)
10
1
1.5
hFE= 5
Tj= 25 °C
Tj= 125 °C
(V)
AM03276v1
VBE(sat)
0.5
0
0.1
1
IC(A)
10
1
1.5
hFE= 5
Tj= 125 °C
(V)
Tj= 25 °C
AM03277v1
t (ns)
100
10
0
5
IC(A)
10
1000
VCC = 150 V, VBE(off) = -5 V,
IB(on) = -IB(off), hFE = 5
Delay time
Rise time
15
20
25
AM03278v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com