Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX80 Datasheet(PDF) 1 Page - Seme LAB

Part # BUX80
Description  HIGH CURRENT HIGH SPEED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUX80 Datasheet(HTML) 1 Page - Seme LAB

  BUX80 Datasheet HTML 1Page - Seme LAB BUX80 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUX80
VCES
Collector – Emitter Voltage
VBE = 0
VCER
Collector – Emitter Voltage
RBE = 50Ω
VCEO
Collector – Emitter Voltage
IB = 0
VEBO
Emitter – Base Voltage
IC = 0
IC
Collector Current
ICM
Peak Collector Current
IB
Base Current
Ptot
Total Power Dissipation Tcase = 40°C
TSTG
Storage Temperature Range
TJ
Maximum Junction Temperature
800V
500V
400V
10V
10A
15A
5A
100W
-65 to +150°C
+150°C
MECHANICAL DATA
Dimensions in mm (inches)
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)
HIGH CURRENT
HIGH SPEED
HIGH POWER
SILICON NPN PLANAR
TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Tj = 25°C unless otherwise stated)
TO–204AA (TO–3)
PIN 1 — Base
PIN 2 — Emitter
Case is Collector.
Applications
The BUX80 is an epitaxial silicon NPN planar transistor that
has high current and high power handling capability and
high switching speed.
This device is especially suitable for switching–control
amplifiers, power gates, switching regulators, power-switch-
ing circuits converters, inverters and control circuits.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6049
Issue 1


Similar Part No. - BUX80

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUX80 MOSPEC-BUX80 Datasheet
128Kb / 3P
POWER TRANSISTORS(10A,400V,100W)
logo
STMicroelectronics
BUX80 STMICROELECTRONICS-BUX80 Datasheet
62Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Jun-1997
logo
Siemens Semiconductor G...
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
BUX80 CENTRAL-BUX80 Datasheet
53Kb / 1P
Power Transistors
logo
Texas Instruments
BUX80 TI-BUX80 Datasheet
195Kb / 6P
N-P-N SILICON POWER TRANSISTORS
More results

Similar Description - BUX80

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD4150 CENTRAL-CMPD4150 Datasheet
77Kb / 2P
high current high speed switching diodeHIGH CURRENT HIGH SPEED SWITCHING DIODE
logo
List of Unclassifed Man...
DBE0209 ETC-DBE0209 Datasheet
82Kb / 3P
High-Speed Current Amplifier
HCA-1M-1M-C ETC2-HCA-1M-1M-C Datasheet
354Kb / 3P
High Speed Current Amplifier
logo
Silikron Semiconductor ...
IRF830 SILIKRON-IRF830 Datasheet
452Kb / 6P
High current, high speed switching
logo
Comset Semiconductor
BUX39 COMSET-BUX39 Datasheet
123Kb / 2P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
BUX80 COMSET-BUX80 Datasheet
121Kb / 2P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
BUX41N COMSET-BUX41N Datasheet
79Kb / 3P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
BUX12 COMSET-BUX12_12 Datasheet
78Kb / 3P
HIGH CURRENT, HIGH SPEED , HIGH POWER TRANSISTOR
BUX39 COMSET-BUX39_12 Datasheet
78Kb / 3P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
logo
Maxim Integrated Produc...
DS3923 MAXIM-DS3923 Datasheet
817Kb / 15P
High-Speed Current Mirror
Rev 1; 8/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com