Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX80 Datasheet(PDF) 2 Page - Seme LAB

Part # BUX80
Description  HIGH CURRENT HIGH SPEED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUX80 Datasheet(HTML) 2 Page - Seme LAB

  BUX80 Datasheet HTML 1Page - Seme LAB BUX80 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCEO(BR)
VCER(BR)
VCE(sat)
VBE(sat)*
IEBO
hFE
ton
ts
tf
BUX80
IC = 100mA
IB = 0
IC = 100mA
RBE = 50Ω
IC = 5A
IB = 1A
IC = 8A
IB = 2.5A
IC = 5A
IB = 1A
IC = 8A
IB = 2.5A
IC = 0
VBE = 10V
IC = 1.2A
VCE = 5V
IC = 5A
VCC = 250V
IB1 =1A
IB2 = -2A
IC = 5A
VCC =-250V
IB1 =1A
IB2 = -2A
Collector - Emitter Breakdown
Voltage
Collector - Emitter Breakdown
Voltage
Collector – Emitter
Saturation Voltage
Base – Emitter
Saturation Voltage
Emitter Cut-off Current
DC Current Gain
Turn–On Time
Storage Time
Fall Time
400
500
1.5
3
1.4
1.8
10
30
0.5
3.5
0.5
V
V
V
mA
—
µs
µs
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
Rth j-mb
Thermal Resistance Junction to Case
1.1
°C/W
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6049
Issue 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com