Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985AM28R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD2985AM28R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM28R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD2985AM28R Datasheet HTML 2Page - STMicroelectronics LD2985AM28R Datasheet HTML 3Page - STMicroelectronics LD2985AM28R Datasheet HTML 4Page - STMicroelectronics LD2985AM28R Datasheet HTML 5Page - STMicroelectronics LD2985AM28R Datasheet HTML 6Page - STMicroelectronics LD2985AM28R Datasheet HTML 7Page - STMicroelectronics LD2985AM28R Datasheet HTML 8Page - STMicroelectronics LD2985AM28R Datasheet HTML 9Page - STMicroelectronics LD2985AM28R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
LD2985Axx, LD2985Bxx
6/21
4
Electrical characteristics
Table 5.
Electrical characteristics for LD2985A (TJ = 25 °C, VI = VO + 1 V, IO = 50 mA, VSHDN = 2
V, CI = CO = 1 µF, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOP
Operating input voltage
2.5
16
V
VO
Output voltage
VI = 2.5V
1.478
1.5
1.522
V
IO = 1 to 150mA
1.462
1.538
IO = 1 to 150mA, TJ= -40 to 125°C
1.447
1.553
VO
Output voltage
VI = 2.8V
1.773
1.8
1.827
V
IO = 1 to 150mA
1.755
1.845
IO = 1 to 150mA, TJ= -40 to 125°C
1.737
1.863
VO
Output voltage
VI = 3.5V
1.463
2.5
2.537
V
IO = 1 to 50mA
2.4375
2.5625
IO = 1 to 50mA, TJ= -40 to 125°C
2.4125
2.5875
VO
Output voltage
VI = 3.7V
2.660
2.7
2.740
V
IO = 1 to 150mA
2.6325
2.7675
IO = 1 to 150mA, TJ= -40 to 125°C
2.6055
2.7945
VO
Output voltage
VI = 3.8V
2.758
2.8
2.842
V
IO = 1 to 150mA
2.730
2.870
IO = 1 to 150mA, TJ= -40 to 125°C
2.702
2.898
VO
Output voltage
VI = 3.85V
2.808
2.85
2.892
V
IO = 1 to 150mA
2.778
2.921
IO = 1 to 150mA, TJ= -40 to 125°C
2.750
2.950
VO
Output voltage
VI = 4.0V
2.955
3.0
3.045
V
IO = 1 to 150mA
2.925
3.075
IO = 1 to 150mA, TJ= -40 to 125°C
2.895
3.105
VO
Output voltage
VI = 4.1V
3.054
3.1
3.146
V
IO = 1 to 150mA
3.022
3.1775
IO = 1 to 150mA, TJ= -40 to 125°C
2.9915
3.2085
VO
Output voltage
VI = 4.2V
3.152
3.2
3.248
V
IO = 1 to 150mA
3.120
3.280
IO = 1 to 150mA, TJ= -40 to 125°C
3.088
3.312
VO
Output voltage
VI = 4.3V
3.251
3.3
3.349
V
IO = 1 to 150mA
3.2175
3.3825
IO = 1 to 150mA, TJ= -40 to 125°C
3.1845
3.4155
VO
Output voltage
VI = 4.5V
3.448
3.5
3.552
V
IO = 1 to 150mA
3.412
3.587
IO = 1 to 150mA, TJ= -40 to 125°C
3.377
3.622
VO
Output voltage
VI = 4.6V
3.546
3.6
3.654
V
IO = 1 to 150mA
3.510
3.690
IO = 1 to 150mA, TJ= -40 to 125°C
3.474
3.726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com