Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985AM28R Datasheet(PDF) 20 Page - STMicroelectronics

Part # LD2985AM28R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM28R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LD2985AM28R Datasheet HTML 13Page - STMicroelectronics LD2985AM28R Datasheet HTML 14Page - STMicroelectronics LD2985AM28R Datasheet HTML 15Page - STMicroelectronics LD2985AM28R Datasheet HTML 16Page - STMicroelectronics LD2985AM28R Datasheet HTML 17Page - STMicroelectronics LD2985AM28R Datasheet HTML 18Page - STMicroelectronics LD2985AM28R Datasheet HTML 19Page - STMicroelectronics LD2985AM28R Datasheet HTML 20Page - STMicroelectronics LD2985AM28R Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
LD2985Axx, LD2985Bxx
20/21
9
Revision history
Table 8.
Document revision history
Date
Revision
Changes
22-Aug-2005
4
Add new value VO ==> 2.7 V on tables 5 and 6.
02-Sep-2005
5
Mistake VO min. ==> 2.7 V on table 5.
25-Jul-2006
6
Order codes updated.
13-Feb-2008
7
Added: Table 1 on page 1.
04-Mar-2008
8
Modified: Table 5 on page 6 and Table 6 on page 8.
10-Jul-2008
9
Modified: Table 1 on page 1 and Table 7 on page 19.
27-Aug-2008
10
Modified: Features on page 1.
27-Jan-2009
11
Modified: Features on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com