Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP431AH Datasheet(PDF) 1 Page - Seme LAB

Part # IP431AH
Description  MECHANICAL DATA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP431AH Datasheet(HTML) 1 Page - Seme LAB

  IP431AH Datasheet HTML 1Page - Seme LAB IP431AH Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IP431AH
Prelim. 3/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VKA
Cathode To Anode Voltage
IK
Cathode Current Range
IREF
Reference Input Current Range
PD
Power Dissipation @ TA = 25°C
TO39 Package
Derate Above 25°C
TJ
Maximum Operating Junction Temperature
TA
Operating Ambient Temperature Range
TSTG
Storage Temperature Range
37V
- 100 to +150mA
- 0.05 to +10mA
1.5W
15mW/°C
150°C
- 55 to +125°C
- 65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• VOLTAGE REFERENCE TOLERANCE ±1%
• PROGRAMMABLE OUTPUT VOLTAGE TO
36V
• EQUIVALENT FULL RANGE TEMPERATURE
COEFFICIENT OF 30ppm/°C TYPICAL
• TEMPERATURE COMPENSATED FOR
OPERATION OVER FULL RATED OPERATING
TEMPERATURE RANGE
• SINK CURRENT CAPABILITY 1 TO 100 mA
• FAST TURN–ON RESPONSE
• LOW DYNAMIC OUTPUT IMPEDANCE
(0.2
Ω
Ω typical)
• LOW OUTPUT NOISE VOLTAGE
0.89
(0.035)
max.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
5.08 (0.200)
typ.
45˚
12.70
(0.500)
min.
4.19 (0.165)
4.95 (0.195)
8.89 (0.35)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
0.41 (0.016)
0.53 (0.021)
dia.
1
2
3
PIN 1 = REF
PIN 2 = CATHODE
PIN 3 = ANODE
TO39 PACKAGE
DESCRIPTION
The IP431A circuit is a monolithic three terminal
programmable shunt regulator diode. This voltage
reference operates as a low temperature coefficient
zener which is programmable between Vref (2.5V)
and 36 volts using two external resistors. The
device has a wide operating current range of 1mA to
100mA and a typical dynamic impedance of 0.2
Ω.
Active output circuitry provides a very sharp turn-on
characteristic making these devices excellent
replacements
for
Zener
Diodes
in
many
applications. Being a shunt regulator it can be used
as either a positive or negative voltage reference.
MECHANICAL DATA
Dimensions in mm (inches)


Similar Part No. - IP431AH

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP431A SEME-LAB-IP431A Datasheet
66Kb / 7P
PROGRAMMABLE PRECISION REFERENCE
IP431AC SEME-LAB-IP431AC Datasheet
66Kb / 7P
PROGRAMMABLE PRECISION REFERENCE
IP431AI SEME-LAB-IP431AI Datasheet
66Kb / 7P
PROGRAMMABLE PRECISION REFERENCE
IP431AM SEME-LAB-IP431AM Datasheet
66Kb / 7P
PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - IP431AH

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM0801A AZDISPLAYS-ACM0801A Datasheet
336Kb / 12P
MECHANICAL DATA
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
MECHANICAL DATA
AGM1232D AZDISPLAYS-AGM1232D Datasheet
580Kb / 12P
MECHANICAL DATA
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
MECHANICAL DATA
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
MECHANICAL DATA
logo
AZ Displays
AGM3224F AZDISPLAYS-AGM3224F Datasheet
835Kb / 13P
MECHANICAL DATA
AGM3224F AZDISPLAYS-AGM3224F_1 Datasheet
796Kb / 12P
MECHANICAL DATA
AGM3224S AZDISPLAYS-AGM3224S Datasheet
520Kb / 16P
MECHANICAL DATA
logo
Seme LAB
1N3893 SEME-LAB-1N3893 Datasheet
17Kb / 1P
MECHANICAL DATA
logo
Kersemi Electronic Co.,...
MBR15H35CT KERSEMI-MBR15H35CT Datasheet
1Mb / 3P
Mechanical Data
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com