Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP431AH Datasheet(PDF) 2 Page - Seme LAB

Part # IP431AH
Description  MECHANICAL DATA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP431AH Datasheet(HTML) 2 Page - Seme LAB

  IP431AH Datasheet HTML 1Page - Seme LAB IP431AH Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IP431AH
Prelim. 3/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VKA
Cathode To Anode Voltage
IK
Cathode Current Range
VREF to 36V
1.0 to 100mA
RECOMMENDED OPERATING CONDITIONS
RθJA
Thermal resistance, junction to Ambient,
RθJC
Thermal resistance, junction to Case
160
°C/W
20
°C/W
THERMAL CONDITIONS
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VKA = VREF
IK = 10mA
TA = -55 to +125°C *
VKA = VREF
IK = 10mA
TA = -55 to +125°C *
IK = 10mA
R1 = 10k
Ω
R2 =
∞
IK = 10mA
TA = -55 to +125°C *
R1 = 10k
Ω
R2 =
∞
IK = 10mA
TA = -55 to +125°C *
VKA = VREF
VKA = 36V
VREF = 0
VKA = VREF
f
≤ 1kHz
∆I
K = 1mA to 100mA
∆V
KA = 10V to VREF
∆V
KA = 36V to 10V
VREF
∆V
REF
∆V
REF
∆V
KA
IREF
∆I
REF
IMIN
IOFF
|Zka|
Reference Input Voltage
Reference Input Voltage Over
Temperature Range 1
Ratio of Reference Voltage Change to
Change in Cathode to Anode Voltage
Reference Input Current
Reference Input Current Deviation Over
Temperature Range
Minimum Cathode Current
For Regulation
Off–State Cathode Current
Dynamic Impedance 2
V
mV
mV/V
µA
µA
mA
nA
Ω
2.47
2.495
2.52
2.426
2.564
15
44
14
7
13
0.5
1
3
1000
0.2
0.5
-1.5
-2.7
-0.7
-2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise stated)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com