Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2990 Datasheet(PDF) 3 Page - Seme LAB

Part # IP2990
Description  1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP2990 Datasheet(HTML) 3 Page - Seme LAB

  IP2990 Datasheet HTML 1Page - Seme LAB IP2990 Datasheet HTML 2Page - Seme LAB IP2990 Datasheet HTML 3Page - Seme LAB IP2990 Datasheet HTML 4Page - Seme LAB IP2990 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1) Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the device outside
of its rated operating conditions.
2) Dropout voltage is defined as the input-output differential voltage where the regulator output drops to a value that is 100 mV below the value that is
measured at VIN = 5V..
3) Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
Power and Thermal Performance
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Electrical Characteristics IP2990*-15 (15V),
(TJ = 25°C unless otherwise stated)
IP2990
Document Number 6160
Issue 1
Parameter
Test Conditions
Min
Typ
Max
Units
VOUT Output Voltage
5mA
≤ IO ≤ 1A
-15.75
-15.0
-14.25
V
ΔVOUT
Line Regulation
ΔVIN
IO = 5mA
VO(NOM) -1V > VIN > -26V
6
60
mV
ΔVOUT
Load Regulation 1
ΔIOUT
50mA
≤ IO ≤ 1A
3
50
I
Q
Quiescent Current
IO ≤ 1A
1
5
mA
IO = 1A, VIN = VO(NOM)
9
50
Short Circuit Current
RL = 1Ω (Note 2)
0.75
1
A
I
O(MAX) Max Output Current
(Note 2)
1.4
1.8
A
Ripple Rejection
Vripple = 1Vrms, fripple = 1kHz, IO = 5mA
42
52
dB
en Output Noise Voltage
BW = 10Hz-100kHz, IO = 5mA
600
1800
μV (rms)
VO-VIN
Dropout Voltage
IO = 0.1A , ΔVO ≤ 100mA
0.1
0.3
V
IO = 1A , ΔVO ≤ 100mA
0.6
1
Long term Stability
1000 Hours
2000
ppm
Parameter
Package Style
Power
R
θθ
JC
Package Power Dissipation3
And
Thermal Resistance (Junction to Case)
TO-204AA (TO-3)
15W
oC/W
TO-213AA (TO-66)
15W
oC/W
SMD05 (TO-276AA)
15W
oC/W
SMD1 (TO-276AB)
15W
oC/W
TO-257AA
15W
oC/W
TO-258AA
15W
oC/W
LCC4
10W
oC/W
LCC20
10W
oC/W
LCC28
10W
oC/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com