Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2990 Datasheet(PDF) 1 Page - Seme LAB

Part # IP2990
Description  1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP2990 Datasheet(HTML) 1 Page - Seme LAB

  IP2990 Datasheet HTML 1Page - Seme LAB IP2990 Datasheet HTML 2Page - Seme LAB IP2990 Datasheet HTML 3Page - Seme LAB IP2990 Datasheet HTML 4Page - Seme LAB IP2990 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IP2990
1 AMP NEGATIVE LOW
DROPOUT REGULATOR FOR
STEP DOWN CONVERSION
VI
Maximum Input Supply Voltage
VO
Nominal Output Voltage (Respective)
IO
Output Current
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature
-26V to +0.3V
-5.0V, -12V & -15V
1A
Internally Limited
–40 to +125°C
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS1 (TJ = 25°C unless otherwise stated)
FEATURES
• OUTPUT VOLTAGE SPECIFIED OVER
TEMPERATURE RANGE
• EXCELLENT LOAD REGULATION
• GUARANTEED 1A OUTPUT CURRENT
• BUILT IN PROTECTION AGAINST EXCESS
TEMPERATURE
• SHORT CIRCUIT PROTECTED
The IP2990 is a 1A low dropout negative
voltage regulator available with fixed output
voltages of -5, -12, and -15V. It is a true low
dropout regulator The dropout voltage at 1A load
current is typically 0.6V and a guaranteed worst-
case maximum of 1V over the entire operating
temperature range.
The regulator is available in a var iety of
hermetically sealed packages and has the option
of being screened to both JAN and Space levels
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 6160
Issue 1
LCC20
TO-204AA (TO-3)
TO-257AA
LCC28
SMD05 (TO-276AA)
LCC4
TO-258AA
SMD1 (TO-276AB)
TO-213AA (TO-66)


Similar Part No. - IP2990

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
IP293224-1 DBUNLIMITED-IP293224-1 Datasheet
568Kb / 1P
Released from Engineering
IP293512-1 DBUNLIMITED-IP293512-1 Datasheet
569Kb / 1P
Released from Engineering
logo
Bel Fuse Inc.
IP29K BEL-IP29K Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
More results

Similar Description - IP2990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
Negative Low Dropout Regulator
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.0HTG MSK-MSK5332-5.0HTG Datasheet
271Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
Negative Low Dropout Adjustable Regulator
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
Low Dropout 1 Amp Voltage Regulator
Revision 1.5 September 13, 2006
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
Low Dropout 1 Amp Voltage Regulator
Revision 1.5 September 19, 2005
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
1 AMP LOW DROPOUT REGULATOR FOR
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com