Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP117G Datasheet(PDF) 1 Page - Seme LAB

Part # IP117G
Description  POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP117G Datasheet(HTML) 1 Page - Seme LAB

  IP117G Datasheet HTML 1Page - Seme LAB IP117G Datasheet HTML 2Page - Seme LAB IP117G Datasheet HTML 3Page - Seme LAB IP117G Datasheet HTML 4Page - Seme LAB IP117G Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8373
Issue 1
Page 1 of 5
IP117G
/
LM117G
IP117AG
/
LM117AG
IP117HVG
/
LM117HVG
IP117AHVG
/
LM117AHVG
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
Standard
40V
VI - VO
Input – Output Voltage Differential
HV Series
60V
IO
Output Current
Internally Limited
PD
Power Dissipation
Internally Limited
TJ
Operating Junction Temperature Range
-55 to +150°C
Tstg
Storage Temperature Range
-65 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
5
°C/W
** This datasheet supersedes document 2829
DESCRIPTION
The 117 Series regulators are adjustable 3 terminal voltage regulators capable of supplying in excess of 1.5A over an output
voltage range of 1.25V to 40V (HV Series, 60V). The regulators are exceptionally easy to apply requiring only 2 external resistors
to set the output voltage.
Every effort has been made to make these devices easy to use and difficult to damage. Internal current limiting and power
limiting coupled with true thermal limiting prevents damage due to overloads or shorts, even if the regulators are not fastened
to a heat sink.
FEATURES
•
1.5A Output Current Guaranteed
•
Internal Thermal Overload Protection
•
Output Short Circuit Protected
•
Hermetic Metal TO-257AA Package
•
Screening Options Available
APPLICATIONS
•
Adjustable Power Supplies
•
System Power Supplies
•
Precision Voltage / Current Regulators


Similar Part No. - IP117G

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
IP117G TTELEC-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - IP117G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM317T FAIRCHILD-LM317T Datasheet
67Kb / 6P
Adjustable Voltage Regulator (Positive)
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
Positive Adjustable Voltage Regulator
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
Positive Adjustable Voltage Regulator
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com