Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMA-461 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMA-461
Description  Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMA-461 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMA-461 Datasheet HTML 7Page - Interpoint Corporation Company FMA-461 Datasheet HTML 8Page - Interpoint Corporation Company FMA-461 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
derating
absolute maximum ratings
input Voltage
• 0 to 40 VDC continuous
Lead soldering temperature (10 sec per lead)
• 300°C
storage temperature range (case)
• –55°C to +135°C
isolation
• 100 megohm minimum at 500 V
• Any pin to case (except case pin)
recommended operating conditions
input Voltage range
• 0 to 40 VDC continuous
case operating temperature (tc)
• –55°C to +85°C full power
• –55°C to +125°C absolute
input Voltage
Derate linearly from 100% at 85°C case to
the 33 VDC at 125°C case
input ripple current
Derate linearly from 100% at 85°C case to
the following at 125°C case
270 mA rms FM-461
400 mA rms FMA-461
480 mA rms FMB-461
Dc input and output current
Derate linearly from 100% at 85°C case to
the following at 125°C case
750 mA FM-461
1.7 A FMA-461
1.7 A FMB-461
x2
0.1 F
0.01F
0.001F
4.7 F
150 
47 pF
1000 pF
50 
1000 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FM-461
469 H
2.4 H
FIgure 1: SCheMaTIC
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
Note
1. Typical applications result in Vout within 2% of Vin.
FM-461
FMA-461
FMB-461
uNITS
paraMeTer
CoNDITIoNS
MIN Typ MaX MIN Typ MaX MIN Typ MaX
INpuT VoLTage
CoNTINuouS
0
28
40 0
28
40 0
28
40
VDC
INpuT CLaMpINg VoLTage
-55°C
38.9 43.2 47.5
42.3 47.0 51.7
44.9 49.9 54.8
38.9 43.2 47.5
42.3 47.0 51.7
44.9 49.9 54.8
38.9 43.2 47.5
42.3 47.0 51.7
44.9 49.9 54.8
VDC
+25°C
+125°C
INpuT CurreNT
DC
—
—
1.75
—
—
0.67
—
—
3.8
—
—
1.0
—
—
5.0
—
—
1.2
A
A rms
rIppLe
NoISe rejeCTIoN
15 kHz To 50 MHz
—
40
— —
40
— —
40
—
dB
DC reSISTaNCe
(rDC)
STeaDy STaTe
— 0.38 0.42 0.07 0.10 0.15 0.07 0.09 0.10
Ω
CapaCITaNCe
aNy pIN To CaSe
1900 — 2200 3700 — 4400 6450 — 8000
pF
ouTpuT VoLTage1
STeaDy STaTe
VoUT = VIN - IIN(RDC)
VDC
ouTpuT CurreNT
STeaDy STaTe
—
—
1.75 —
—
3.8 —
—
5.0
A
power DISSIpaTIoN
MaX CurreNT
—
—
1.3 —
—
1.6 —
—
2.5
W
FM-461, FMA-461
AND FMB-461
1.75 To 5 AMP
eMI INpuT FILTerS
Page 2 of 9
FM/A/B Rev C 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com