Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMA-461 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FMA-461
Description  Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMA-461 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FMA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMA-461 Datasheet HTML 7Page - Interpoint Corporation Company FMA-461 Datasheet HTML 8Page - Interpoint Corporation Company FMA-461 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 of 9
FM/A/B Rev C 20100212
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • power@crane-eg.com
www.interpoint.com
Description
The FM-461, FMA-461, and FMB-461 EMI filter modules have
been specifically designed to reduce the input line reflected ripple
current of Interpoint’s MTO, MTW, MHE, MLP, and MFW Series
of DC/DC converters. They are intended for use in applications of
high frequency (100 kHz) switch-mode DC/DC converters which
must meet MIL-STD-461C levels of conducted power line noise.
These filters are built using thick-film hybrid technology and are
sealed in metal packages for military, aerospace, and other high-
reliability applications. See Section B8, cases H3, H5, K4, and
K6 for dimensions. See Section C2 for screening options.
MIL-STD NoISe MaNageMeNT
When used in conjunction with Interpoint’s DC/DC converters
(see connection diagram, Figure 2), the input ripple current will
be reduced by 40 dB within the frequency band of 100 kHz to 50
MHz. This gives the filter/converter combination a performance
which exceeds the CE03 test limit of MIL-STD-461C. The CE03
performance of a model MHE2805S converter with and without
the FM-461 filter is shown in Figures 6 and 7.
FILTer operaTIoN
A fast-reacting (1 picosecond) transient suppressor clamps
the input voltage at approximately 47 V, protecting the DC/DC
converter from line induced transients.
The filters are rated to operate, with no degradation of perfor-
mance, over the temperature range of –55°C to +85°C (as
measured at the baseplate). Above 85°C, input voltage and
current must be derated as specified in “Derating” on the
following page. The maximum power dissipation of the filters at
maximum input current represents a power loss of less than 3%
at typical input voltage.
LayouT requIreMeNTS
The case of the filter must be connected to the case of the
converter through a low impedance connection to minimize EMI.
Size (max.): Non-flanged case
H3 - FM-461 2.110 x 1.120 x 0.417 inches (53.59 x 28.45 x 10.59 mm)
H5 - FMA/FMB 2.110 x 1.120 x 0.495 inches (53.59 x 28.45 x 12.57* mm)
Flanged case
K4 - FM-461 2.910 x 1.115 x 0.417 inches (73.91 x 28.32 x 10.59* mm)
K6 - FMA/FMB 2.910 x 1.115 x 0.495 inches (73.91 x 28.32 x 12.57 mm)
Weight:
Maximum – FM-461 38 grams, FMA-461 42 grams, FMB-461 43 grams
Screening: Standard or ES. See screening table for more information.
MODELS
INpuT VoLTage
aND
CurreNT
INpuT (V)
0 - 40
0 - 40
0 - 40
CurreNT (a)
1.75
3.8
5.0
FM-461, FMA-461
AND FMB-461
1.75 To 5 AMP
eMI INpuT FILTerS
28 VoLT INpuT
NOT RECOMMENDED FOR NEW DESIGNS
Features
Attenuation 40 dB from 110 kHz to 50 MHz
Operating temperature -55° to +85°C
•
Nominal 28 V input, 0 V to 40 V operation
•
1.75 to 5 A throughput current
•
Transient suppression
•
Compliant to MIL-STD-461C CE-03
•


Similar Part No. - FMA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMA-461 INTERPOINT-FMA-461 Datasheet
197Kb / 11P
EMI INPUT FILTERS 28 VOLT INPUT
FMA-461F/ES INTERPOINT-FMA-461F/ES Datasheet
197Kb / 11P
EMI INPUT FILTERS 28 VOLT INPUT
More results

Similar Description - FMA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
logo
MICORO CRYSTAL SWITZERL...
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
From 10 kHz up to 225 MHz
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
From 10 kHz up to 155 MHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
From 10 kHz up to 225 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com