Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MFL2805S
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MFL2805S Datasheet HTML 1Page - Interpoint Corporation Company MFL2805S Datasheet HTML 2Page - Interpoint Corporation Company MFL2805S Datasheet HTML 3Page - Interpoint Corporation Company MFL2805S Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
sinGLe output ModeLs connection diaGraMs - sense and paraLLeL
RL
1
2
3
4
5
6
REMOTE SENSE CONNECTION
12
11
10
9
8
7
–
+
28V
–
+
Inhibit
Sync In
RL
1
2
3
4
5
6
OUTPUT VOLTAGE ADJUST CONNECTION
12
11
10
9
8
7
–
+
28V
–
+
Inhibit
Sync In
0.1
0.2
0.3
0.4
0.5
70
140
210
280
350
25
50
75
100
125
20
40
60
80
100
RA (OHMS)
5–V
12–V
15–V
VOUT INCREASE
(VOLT)
RA
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
120
240
360
480
600
3.3–V
Figure 1: sense cOnnectiOns anD trim table – single OutPut mODels
RL
1
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
2
3
4
5
6
1
2
3
4
5
6
1
2
3
4
5
6
CONNECT ONLY WHEN 2 SLAVES ARE USED
12
11
10
9
8
7
12
11
10
9
8
7
12
11
10
9
8
7
–
+
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
MASTER
SLAVE 1
SLAVE 2
28V
–
+
Inhibit
Sync In
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
Figure 2: Parallel cOnnectiOns – single OutPut mODels
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 3 of 13
MFL Rev E - 20101026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com