Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MFL2805S
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MFL2805S Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S Datasheet HTML 9Page - Interpoint Corporation Company MFL2805S Datasheet HTML 10Page - Interpoint Corporation Company MFL2805S Datasheet HTML 11Page - Interpoint Corporation Company MFL2805S Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical Characteristics: –55°C to +125° C TC, 28 VDC VIN, 100% load, free run, unless otherwise specified.
notes:
1. Guaranteed by design, not tested.
2. Parallel load share function is not characterized for dual output models.
3. Up to 70% of the total output power is available from either output providing the
opposite output is simultaneously carrying 30% of the total power.
4. Effect on negative Vout from 50%/50% loads to 70%/30% or
30%/70% loads.
5. Effect on negative Vout from 50%/50% loads to 50% then 10% load on negative
Vout.
6. Unit will shut down above approximately 45V but will be undamaged and will
restart when voltage drops into normal range.
7. Transition time 100 µs ±20%.
8. Recovery time is measured from application of the transient to point at which Vout
is within 1% of final value.
9. Tested on release from inhibit.
10. Shall not compromise DC performance.
DUAL OUTPUT MODELS 2
MFL2805D
MFL2812D
MFL2815D
units
Parameter
cOnDitiOns
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OutPut VOltage
+ VOut 4.85
5.00
5.15
11.64 12.00 12.36 14.55 15.00 15.45
VDc
- VOut 4.82
5.00
5.18
11.58 12.00 12.42 14.47 15.00 15.53
OutPut current 3
each OutPut
0
—
7
0
—
3.5
0
—
3.03
a
Vin = 16 tO 40 VDc
tOtal OutPut
0
—
10
0
—
5
0
—
4.34
OutPut POWer 3
Vin = 16 tO 40 VDc
0
—
50
0
—
60
0
—
65
W
OutPut riPPle
10 khz - 2 mhz ± VOut
—
50
100
—
50
120
—
50
150
mV p-p
line regulatiOn
+ VOut
—
0
50
—
0
50
—
0
50
mV
Vin = 16 tO 40 VDc
- VOut
—
25
100
—
25
100
—
25
100
lOaD regulatiOn
+ VOut
—
0
50
—
10
50
—
10
50
mV
nO lOaD tO Full
- VOut
—
25
100
—
25
120
—
50
150
crOss regulatiOn
see nOte 4
—
5
8
—
2
4
—
2
4
%
tc = 25°c
see nOte 5
—
3
7
—
2
4
—
2
4
inPut VOltage
cOntinuOus
16
28
40
16
28
40
16
28
40
VDc
nO lOaD tO Full
TRANSIENT 120 msec.1, 6
0
—
50
0
—
50
0
—
50
V
inPut current
nO lOaD
—
50
120
–
50
100
—
50
100
inhibiteD–inh1
—
9
14
—
9
14
—
9
14
mA
inhibiteD–inh2
—
35
70
—
35
70
—
35
70
inPut riPPle
current
10 khz - 10 mhz
—
15
50
—
15
50
—
15
50
mA p-p
eFFiciency
tc = 25°c
77
80
—
83
86
—
84
87
—
%
balanceD lOaD
tc = -55°c tO +125°c
75
—
—
81
—
—
82
—
—
lOaD Fault
POWer DissiPatiOn
shOrt circuit
—
12.5
18
—
10
16
—
10
16
W
recOVery 1
—
1.5
4
—
1.5
4
—
1.5
4.0
ms
steP lOaD
resPOnse 7
50% - 100% - 50%
transient
—
250
350
—
450
600
—
500
600
mV pk
± VOut
recOVery 1, 8
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
steP line
resPOnse 1, 7
16 - 40 -16 VDc
transient
—
250
300
—
250
400
—
250
500
mV pk
± VOut
recOVery 8
—
200
300
—
200
300
—
200
300
µs
start-uP 9
Delay
—
3.5
6
—
3.5
6
—
3.5
6
ms
OVershOOt 1
—
0
25
—
0
50
—
0
50
mV pk
caPacitiVe lOaD 1, 10
tc = 25°c
—
—
500
—
—
500
—
—
500
µF
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 8 of 13
MFL Rev E - 20101026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com