Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV2805D Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MHV2805D
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2805D Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MHV2805D Datasheet HTML 1Page - Interpoint Corporation Company MHV2805D Datasheet HTML 2Page - Interpoint Corporation Company MHV2805D Datasheet HTML 3Page - Interpoint Corporation Company MHV2805D Datasheet HTML 4Page - Interpoint Corporation Company MHV2805D Datasheet HTML 5Page - Interpoint Corporation Company MHV2805D Datasheet HTML 6Page - Interpoint Corporation Company MHV2805D Datasheet HTML 7Page - Interpoint Corporation Company MHV2805D Datasheet HTML 8Page - Interpoint Corporation Company MHV2805D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Positive Input
1
10 Input Common
MHV
2
4
Case (2)
Chassis Ground
6, 7, 8
Positive Input
1
5
28V
Input Common
FMCE-0328 (1)
EMI FILTER
Positive Output
Output Common
3
(1) FMCE-0328 can provide up to 84 watts throughput current at 28 volts in and will bring the converter into
compliance with MIL-STD-461C CE03 and CS01 and/or MIL-STD-461D, E and F CE102 and CS101 levels of
conducted emissions.
(2) The case ground connection should be as low an impedance as possible to minimize EMI. Direct contact of
baseplate to chassis ground provides the lowest impedance.
Figure 3: emi Filter ConneCtion
Positive Input
1
9
2
10
28V
Sync In
Inhibit (pin 8 on triple
output models)
Input Common
MHV
Figure 2: typiCal ConneCtions
triM – single output Models only
Trim down: RT(KΩ)=
( (Vo–2.5) ) A–B
Vo nominal – V0
Trim up:
RT(KΩ)=
( 2.5A )–B
Vo – Vo nominal
Vo = desired output voltage
Figure 4: mhv single output trim
Notes
If calculated result is a negative value, the desired output voltage is outside the allowed trim
range.
Calculated values of RT are ±15%.
When trimming up, do not exceed the maximum output power.
When trimming down, do not exceed the maximum output current.
CALCULATED TRIM
3 TRIM
RT
5
4
+VO
OUTPUT
COMMON
MHV
SINGLE
OUTPUT
TRIM DOWN
TRIM UP
QUICK REFERENCE TRIM TABLE
Vout noMinal
Model
110% 106% 102% 95% 90% 80%
RTRIM (RT) K ohms
MHV283R3S
18
36
128
4
N/A
N/A
MHV2805S
8
20
81
23
5
N/A
MHV2812S
N/A
19
116
177
67
11
MHV2815S
0.3
21
122
255
104
28
FORMULA VALUES By MODEL
MODEL:
3.3 V
5 V
12 V
15 V
A
3.7
3.7
14
18.0
B
10
10
30
80
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 4 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com