Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV2805D Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MHV2805D
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2805D Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MHV2805D Datasheet HTML 3Page - Interpoint Corporation Company MHV2805D Datasheet HTML 4Page - Interpoint Corporation Company MHV2805D Datasheet HTML 5Page - Interpoint Corporation Company MHV2805D Datasheet HTML 6Page - Interpoint Corporation Company MHV2805D Datasheet HTML 7Page - Interpoint Corporation Company MHV2805D Datasheet HTML 8Page - Interpoint Corporation Company MHV2805D Datasheet HTML 9Page - Interpoint Corporation Company MHV2805D Datasheet HTML 10Page - Interpoint Corporation Company MHV2805D Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SINGLE OUTPUT MODELS
MHV283R3S
MHV2805S
units
parameter
ConDitions
MIN
TyP
MAX
MIN
TyP
MAX
output voltage
3.23
3.30
3.37
4.90
5.00
5.10
VDC
output Current
vin = 16 to 50 vDC
0
—
3.03
0
—
3.00
A
output poWer
vin = 16 to 50 vDC
0
—
10
0
—
15
W
output ripple
10 khz - 2 mhz
—
5
25
—
5
25
mV p-p
line regulation
vin = 16 to 50 vDC
–
0
10
—
0
10
mV
loaD regulation
no loaD to Full
–
15
35
—
15
45
mV
input voltage
no loaD to Full
Continuous
16
28
50
16
28
50
VDC
transient 120 ms 1
—
—
80
—
—
80
V
input Current
no loaD
—
34
45
—
44
55
mA
inhibiteD
—
8.4
10
—
8.4
10
input ripple Current
10 khz - 10 mhz
—
10
45
—
10
40
mA p-p
eFFiCienCy
68
72
–
73
77
—
%
loaD Fault 2
poWer Dissipation
short CirCuit
—
—
7.5
—
—
9
W
reCovery 1
—
—
20
—
—
20
ms
step loaD
response 3
50% - 100% - 50%
transient
—
—
±350
—
—
±350
mV pk
reCovery
—
—
1.2
—
—
2
ms
step line
response 1, 4
16 - 50 - 16 vDC
transient
—
—
±175
—
—
±550
mV pk
reCovery
—
—
0.90
—
—
2.0
ms
start-up
Delay
–
14
20
—
14
20
ms
overshoot 1
—
0
150
—
0
100
mV pk
CapaCitive loaD 1
25°C
–
–
200
–
–
200
µF
Notes
1. guaranteed by design, not tested.
2.Loadfaultisashortcircuit(<50mΩ).Recoveryisintoaresistiveload.
3.Steploadtransition≥10µs.Recovery=timetosettletowithin1%ofVOUT final value.
4.Steplinetransition≥10µs.Recovery=timetosettletowithin1%ofVOUT final value.
Electrical Characteristics: -55° to +125°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 7 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com