Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3D Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MOR283R3D
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3D Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MOR283R3D Datasheet HTML 2Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 3Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 4Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 5Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 6Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 7Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 9Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
operating conDitions anD characteristics
input Voltage range
16 to 40 VDC continuous
•
50 V for 120 ms transient
•
output power
66 to 120 W, depending on model
•
lead soldering temperature (10 sec per lead)
300°C
•
storage temperature range (tc)
-65°C to +150°C
•
case operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +135°C absolute
•
derating output power/current
Linearly from 100% at 125°C to 0% at 135° C
•
output Voltage temperature coefficient
100 ppm/°C typ
•
input to output capacitance
150 pF typical
•
current limit
125% of full load typ
•
isolation
100 megohm min at 500 V
•
audio rejection
40 dB typ
•
conversion Frequency
Free run mode, 25°C, 550 kHz typ
•
480 kHz. min, 580 kHz max
‣
undervoltage lockout
15.5 V input typ
•
sync anD inhiBit
sync
Sync In
•
Input frequency 525 to 625 kHz
‣
Active low 0.8 V max, duty cycle 15% to 50%
‣
Active high 4.5 V min, 9 V max
‣
Referenced to input common
‣
Sync Out - Referenced to input common
•
inhibit (inH1, inH2)
Active low (output disabled)
•
Inhibit 1 (INH1)
‣
Referenced to input common
-
0.8 V max.
-
Inhibit pin current 1 mA max
-
Inhibit 2 (INH2)
‣
Single output models are referenced to Sense Return
-
Dual output models are referenced to Output Common
-
0.2 V max
-
Inhibit pin current 1 mA max
-
Active high (output enabled) open collector
•
Open pin voltage:
‣
Inhibit 1 (INH1) = 13 V typ.
-
Inhibit 2 (INH2) = up to 8 V
-
mechanical anD environmental
size (maximum)
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
•
Available in a variety of packages. See cases U2, V, W, Y,
•
and Z for dimensions.
Weight (maximum)
110 grams
•
screening
Standard, ES, or 883 (Class H, QML) available. See
•
Screening Tables 1 and 2 for more information.
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converters
28 Volt input – 120 Watt
www.interpoint.com
Page 6 of 24
MOR Rev K - 20100422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com