Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3D Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # MOR283R3D
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3D Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button MOR283R3D Datasheet HTML 12Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 13Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 14Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 15Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 16Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 17Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 18Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 19Page - Interpoint Corporation Company MOR283R3D Datasheet HTML 20Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Typical Performance Curves: 25°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Figure 41
Figure 42
Figure 43
MOR2805D Step Load Response
100 - 50%
Step Load
50 µs/div
50% Load
+Vout
–Vout
MOR2805D Output Ripple (±Vout)
1 µs/div
+Vout
–Vout
80% load each output
MOR2805D Input Ripple (Iin)
1 µs/div
25 µs/div
80% load each output
Figure 44
Figure 45
Figure 46
MOR2805D Step Load Response
50 - 100%
Load
50 µs/div
50% Load
+Vout
–Vout
MOR2805D Step Line Response
25 µs/div
–Vout
Vin
+Vout
18 to 40 V, 80% load each output
Vin
MOR2805D Step Line Response
25 µs/div
–Vout
+Vout
40 to 18 V, 80% load each output
Figure 47
Figure 48
Figure 49
MOR2812D Output Ripple (±Vout)
1 µs/div
+Vout
–Vout
MOR2812D Input Ripple (Iin)
1 µs/div
25 µs/div
MOR2805D Turn On Response
2.5 ms/div
Vin
+Vout
–Vout
80% load each output
Crane Aerospace & Electronics Power Solutions
Page 16 of 24
28 Volt input – 120 Watt
www.interpoint.com
MOR Rev K - 20100422
Mor single and dual dc/dc converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com