Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5451 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M5451
Description  LED DISPLAY DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5451 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M5451 Datasheet HTML 3Page - STMicroelectronics M5451 Datasheet HTML 4Page - STMicroelectronics M5451 Datasheet HTML 5Page - STMicroelectronics M5451 Datasheet HTML 6Page - STMicroelectronics M5451 Datasheet HTML 7Page - STMicroelectronics M5451 Datasheet HTML 8Page - STMicroelectronics M5451 Datasheet HTML 9Page - STMicroelectronics M5451 Datasheet HTML 10Page - STMicroelectronics M5451 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
7/12
M5450, M5451
POWER DISSIPATION OF THE IC
The power dissipation of the IC can be limited us-
ing different configurations.
Figure 11- In the application R must be chosen
taking into account the worst operating conditions.
Figure 11.
R is determined by the maximum number of seg-
ments activated
The worst case condition for the device is when
roughly half of the maximum number of segments
are activated.
It must be checked that the total power dissipation
does not exceed the absolute maximum ratings of
the device.
In critical cases more resistors can be used in con-
junction with groups of segments.
In this case the current variation in the single resis-
tor is reduced and Ptot limited.
Figure 12 - In this configuration the drop on the se-
rial connected diodes is quite stable if the diodes
are properly chosen.
The total power dissipation of the IC depends, in a
first approximation, only on the number of seg-
ments activated.
Figure 12.
Figure 13 - In this configuration VOUT + VD is con-
stant. The total power dissipation of the IC de-
pends only on the number of segments activated.
Figure 13.
VD
VOUT
R
ID
+VC
R
V
C
V
DMAX
–
V
OMIN
–
N
MAX
L
D
----------------------------------------------------------------
=
+VC
+VC
VOUT +VD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com