Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5451 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M5451
Description  LED DISPLAY DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5451 Datasheet(HTML) 1 Page - STMicroelectronics

  M5451 Datasheet HTML 1Page - STMicroelectronics M5451 Datasheet HTML 2Page - STMicroelectronics M5451 Datasheet HTML 3Page - STMicroelectronics M5451 Datasheet HTML 4Page - STMicroelectronics M5451 Datasheet HTML 5Page - STMicroelectronics M5451 Datasheet HTML 6Page - STMicroelectronics M5451 Datasheet HTML 7Page - STMicroelectronics M5451 Datasheet HTML 8Page - STMicroelectronics M5451 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
April 2004
M5450
M5451
LED DISPLAY DRIVERS
REV. 2
FEATURES SUMMARY
■ M5450 34 OUTPUTS/15mA SINK
■ M5451 35 OUTPUTS/15mA SINK
■ CURRENT GENERATOR OUTPUTS (NO
EXTERNAL RESISTORS REQUIRED)
■ CONTINUOUS BRIGHTNESS CONTROL
■ SERIAL DATA INPUT
■ ENABLE (ON M5450)
■ WIDE SUPPLY VOLTAGE OPERATION
■ TTL COMPATIBILITY
Application Examples:
■ MICROPROCESSOR DISPLAYS
■ INDUSTRIAL CONTROL INDICATOR
■ RELAY DRIVER
■ INSTRUMENTATION READOUTS
DESCRIPTION
The M5450 and M5451 are monolithic MOS inte-
grated circuits produced with an N-channel silicon
gate technology. They are available in 40-pin dual
in-line plastic packages.
A single pin controls the LED display brightness by
setting a reference current through a variable re-
sistor connected to VDD or to a separate supply of
13.2V maximum.
Figure 1. Packages
1
40
PLCC44
(Plastic Chip Carrier)
PDIP40
(Plastic Package)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - M5451

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5451 STMICROELECTRONICS-M5451 Datasheet
243Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
M5451 STMICROELECTRONICS-M5451 Datasheet
193Kb / 8P
LED DISPLAY DRIVERS
Sep-1993
logo
Mitsubishi Electric Sem...
M54512L MITSUBISHI-M54512L Datasheet
75Kb / 2P
4 UNIT 50MA TRANSISTOR ARRAY
M54513 MITSUBISHI-M54513 Datasheet
70Kb / 2P
8 UNIT 50MA TRANSISTOR ARRAY
M54513FP MITSUBISHI-M54513FP Datasheet
66Kb / 3P
8-UNIT 50mA TRANSISTOR ARRAY
More results

Similar Description - M5451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5450 NSC-MM5450 Datasheet
125Kb / 8P
LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
STMicroelectronics
M5451B7 STMICROELECTRONICS-M5451B7 Datasheet
243Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
logo
List of Unclassifed Man...
U1096B ETC1-U1096B Datasheet
579Kb / 6P
Display Drivers
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
8-Digit LED Display Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450 Datasheet
193Kb / 8P
LED DISPLAY DRIVERS
Sep-1993
logo
ams AG
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com