Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913KP331 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 3Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 4Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 5Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 6Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 7Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 8Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 9Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 10Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Electrical characteristics
Doc ID 10004 Rev 11
7/19
Vd
Dropout voltage
IO = 400mA, TJ = -55°C
300
400
mV
IO = 400mA, TJ = +25°C
350
450
IO = 400mA, TJ = +125°C
450
550
IO = 1A, TJ = -55°C
550
IO = 1A, TJ = +25°C
650
IO = 1A, TJ = +125°C
800
IO = 2A, TJ = +25°C
750
IO = 2A, TJ = +125°C
950
VINH(ON) Inhibit voltage
IO = 5mA, TJ= -55 to 125°C
0.8
V
VINH(OFF) Inhibit voltage
IO = 5mA, TJ= -55 to 125°C
2.4
V
SVR
Supply voltage rejection
(1)
VI = VO+2.5V ± 1V, IO = 5mA
f = 120Hz
60
70
dB
f = 33kHz
30
40
ISH
Shutdown input current
VINH = 5 V
15
µA
VOCM
OCM pin voltage
Sinked IOCM = 24 mA active low
0.38
V
tPLH
tPHL
Inhibit propagation delay
(1)
VI = VO+2.5V, VINH = 2.4 V, IO = 400 mA
on-off
20
µs
off-on
100
µs
eN
Output noise voltage (1)
B= 10Hz to 100kHz, IO = 5mA to 2A
40
µVrms
1.
This value is guaranteed by design. For each application it’s strongly recommended to comply with the maximum current
limit of the package used.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Figure 4.
Application diagram for remote sensing operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com