Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913KP331 Datasheet(PDF) 16 Page - STMicroelectronics

Part # RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 12Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 13Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 14Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 15Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 16Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 17Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 18Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Ordering information
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
16/19
Doc ID 10004 Rev 11
9
Ordering information
Table 5.
Order codes
DIE
Flat-16
SMD.5
TO-257
Terminal
finish
Out.
volt.
Q.ty level
RHFL4913KP25-01V RHFL4913S25-03V
RHFL4913ESY2505V
GOLD
2.5 V
QML-V
RHFL4913KP25-02V RHFL4913S25-04V
RHFL4913ESY2506V
SOLDER
2.5 V
QML-V
RHFL4913KP251
RHFL4913S251
RHFL4913ESY251
GOLD
2.5 V
EM1
RHFL4913KP252
RHFL4913S252
RHFL4913ESY252
GOLD
2.5 V
EM1=EM
2+48h B.I.
L491325DIE2V
NA
2.5 V
QML-V
L491325DIE2S
NA
2.5 V
EM1
RHFL4913KP33-01V RHFL4913S33-03V
RHFL4913ESY3305V
GOLD
3.3 V
QML-V
RHFL4913KP33-02V RHFL4913S33-04V
RHFL4913ESY3306V
SOLDER
3.3 V
QML-V
RHFL4913KP331
RHFL4913S331
RHFL4913ESY331
GOLD
3.3 V
EM1
RHFL4913KP332
RHFL4913S332
RHFL4913ESY332
GOLD
3.3 V
EM1=EM
2+48h B.I.
L491333DIE2V
NA
3.3 V
QML-V
L491333DIE2S
NA
3.3 V
EM1
RHFL4913KP50-01V RHFL4913S50-03V
RHFL4913ESY5005V
GOLD
5.0 V
QML-V
RHFL4913KP50-02V RHFL4913S50-04V
RHFL4913ESY5006V
SOLDER
5.0 V
QML-V
RHFL4913KP501
RHFL4913S501
RHFL4913ESY501
GOLD
5.0 V
EM1
RHFL4913KP502
RHFL4913S502
RHFL4913ESY502
GOLD
5.0 V
EM1=EM
2+48h B.I.
L491350DIE2V
NA
5.0 V
QML-V
L491350DIE2S
NA
5.0 V
EM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com