Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB260 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPZB260
Description  ZigBee® module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPZB260 Datasheet HTML 2Page - STMicroelectronics SPZB260 Datasheet HTML 3Page - STMicroelectronics SPZB260 Datasheet HTML 4Page - STMicroelectronics SPZB260 Datasheet HTML 5Page - STMicroelectronics SPZB260 Datasheet HTML 6Page - STMicroelectronics SPZB260 Datasheet HTML 7Page - STMicroelectronics SPZB260 Datasheet HTML 8Page - STMicroelectronics SPZB260 Datasheet HTML 9Page - STMicroelectronics SPZB260 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
SPZB260
6/15
4
Electrical characteristics
4.1
DC electrical characteristics
4.2
DC I/O specification
Table 4.
DC electrical characteristics
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
IRX
RX current (boost mode)
Vdd = 3.0 V, T = 25 °C
38
mA
IRX
RX current (normal mode)
Vdd = 3.0 V, T = 25 °C
36
mA
ITX
TX current (boost mode)
Vdd = 3.0 V, T = 25 °C
42
mA
ITX
TX current (normal mode)
Vdd = 3.0 V, T = 25 °C
36
mA
IDS
Deep sleep current
2.1 < Vdd < 3.6 V
T = 25°C
1
µA
Table 5.
DC Input / Output specification
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
VIL
Low Level Input Voltage
2.1 < Vdd < 3.6 V
0
0.2 x Vdd
V
VIH
High level input voltage
2.1 < Vdd < 3.6 V
0.8 x Vdd
Vdd
V
Iil
Input current for logic 0
2.1 < Vdd < 3.6 V
-0.5
mA
Iih
Input current for logic 1
2.1 < Vdd < 3.6 V
0.5
mA
Ripu
Input pull-up resistor
30
k
Ripd
Input pull-down resistor
30
k
VOL
Low level output voltage
0
0.18 x Vdd
V
VOH
High level output voltage
0.82 x Vdd
Vdd
V
IOHS
Output source current
4
mA
IOLS
Output sink current
4
mA
IOHH
Output source current (pin 15,16,17)
8
mA
IOLH
Output sink current (pin 15,16,17)
8
mA
IOTot
Total output current for I/O
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com