Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB260 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPZB260
Description  ZigBee® module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260 Datasheet(HTML) 4 Page - STMicroelectronics

  SPZB260 Datasheet HTML 1Page - STMicroelectronics SPZB260 Datasheet HTML 2Page - STMicroelectronics SPZB260 Datasheet HTML 3Page - STMicroelectronics SPZB260 Datasheet HTML 4Page - STMicroelectronics SPZB260 Datasheet HTML 5Page - STMicroelectronics SPZB260 Datasheet HTML 6Page - STMicroelectronics SPZB260 Datasheet HTML 7Page - STMicroelectronics SPZB260 Datasheet HTML 8Page - STMicroelectronics SPZB260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Pin settings
SPZB260
4/15
2.2
Pin description
Table 1.
Pin description
Pin n
Pin name
Direction
Description
1
RSTB
I
Active low reset (an internal pull-up of 30 k
Ω typ is provided)
2
HOST_INT
O
Host interrupt signal (from ZB Module to Host)
3
SPI_SSEL
I
SPI slave select (from Host to ZB Module)
4
SPI MOSI
I
SPI data, master out / slave in (from host to ZB Module)
5
SPI MISO
O
SPI data, master in / slave out (from ZB Module to host)
6
SPI_CLK
I
SPI clock
7
GND
---
Ground
8
VDD
---
Input power supply
9SIF_CLK
I
Non-intrusive debug Interface
Serial interface Clock Signal (internal pull-down)
10
SIF_MISO
O
Non-intrusive debug Interface
Serial interface Master IN/ Slave Out
11
SIF_MOSI
I
Non-intrusive debug Interface
Serial interface Master Out/ Slave In
To guarantee a proper signal level when in deep sleep mode
connect a 10k
Ω resistor to GND
12
SIF_LOADB
I/O
Non-intrusive debug Interface
Serial interface load strobe (Open collector with internal pull-up)
To improve noise immunity connect a 10 k
Ω resistor to VDD
13
PTI_EN
O
Frame signal of packet trace interface (PTI)
14
PTI_DATA
O
Data signal of packet trace interface (PTI)
15
WAKE
I
Wake interrupt signal from host to ZB module
16
ACTIVITY
O
Activity signal for application debug /monitor
17
SDBG
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com