Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB45NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB45NF06
Description  N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB45NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STB45NF06_10 Datasheet HTML 1Page - STMicroelectronics STB45NF06_10 Datasheet HTML 2Page - STMicroelectronics STB45NF06_10 Datasheet HTML 3Page - STMicroelectronics STB45NF06_10 Datasheet HTML 4Page - STMicroelectronics STB45NF06_10 Datasheet HTML 5Page - STMicroelectronics STB45NF06_10 Datasheet HTML 6Page - STMicroelectronics STB45NF06_10 Datasheet HTML 7Page - STMicroelectronics STB45NF06_10 Datasheet HTML 8Page - STMicroelectronics STB45NF06_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2010
Doc ID 7433 Rev 5
1/15
15
STB45NF06
STP45NF06
N-channel 60 V, 0.023
Ω, 38 A TO-220, D2PAK
STripFETTM II Power MOSFET
Features
■ Exceptional dv/dt capability
■ Standard threshold drive
■ 100% avalanche tested
Applications
■ Switching application
Description
These devices are an N-channel Power MOSFET
realized with the latest development of
STMicroelectronis unique "single feature size"
strip-based process. The resulting transistors
show extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP45NF06
60 V
<0.028
Ω
38 A
STB45NF06
60 V
<0.028
Ω
38 A
TO-220
D2PAK
1
2
3
1
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP45NF06
P45NF06
TO-220
Tube
STB45NF06
B45NF06
D2PAK
Tape and reel
www.st.com


Similar Part No. - STB45NF06_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB45NF06L STMICROELECTRONICS-STB45NF06L Datasheet
441Kb / 10P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 / D2PAK STripFET™ II POWER MOSFET
Sep-2002
logo
Inchange Semiconductor ...
STB45NF06L ISC-STB45NF06L Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB45NF06T4 STMICROELECTRONICS-STB45NF06T4 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
05-Jul-2010
More results

Similar Description - STB45NF06_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
NTP65N02R ONSEMI-NTP65N02R Datasheet
47Kb / 4P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
NTB65N02R ONSEMI-NTB65N02R_05 Datasheet
76Kb / 8P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
May, 2005 ??Rev. 6
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
logo
STMicroelectronics
STB80PF55 STMICROELECTRONICS-STB80PF55_10 Datasheet
348Kb / 16P
P-channel 55 V, 0.016 Ω, 80 A TO-220, D2PAK STripFET™ II Power MOSFET
09-Aug-2010
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
09-Aug-2010
STB45NF06T4 STMICROELECTRONICS-STB45NF06T4 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
05-Jul-2010
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
logo
ON Semiconductor
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com