Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P45NF06 Datasheet(PDF) 14 Page - STMicroelectronics

Part # P45NF06
Description  N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P45NF06 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button P45NF06 Datasheet HTML 7Page - STMicroelectronics P45NF06 Datasheet HTML 8Page - STMicroelectronics P45NF06 Datasheet HTML 9Page - STMicroelectronics P45NF06 Datasheet HTML 10Page - STMicroelectronics P45NF06 Datasheet HTML 11Page - STMicroelectronics P45NF06 Datasheet HTML 12Page - STMicroelectronics P45NF06 Datasheet HTML 13Page - STMicroelectronics P45NF06 Datasheet HTML 14Page - STMicroelectronics P45NF06 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STB45NF06, STP45NF06
14/15
Doc ID 7433 Rev 5
6
Revision history
Table 9.
Revision history
Date
Revision
Changes
09-Sep-2004
1
Preliminary version.
04-Feb-2005
2
Complete version.
17-Aug-2006
3
New template. No content change.
13-Nov-2006
4
Inserted new value.
05-Jul-2010
5
Updated
Section 2.1: Electrical characteristics (curves).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com