Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P45NF06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # P45NF06
Description  N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P45NF06 Datasheet(HTML) 3 Page - STMicroelectronics

  P45NF06 Datasheet HTML 1Page - STMicroelectronics P45NF06 Datasheet HTML 2Page - STMicroelectronics P45NF06 Datasheet HTML 3Page - STMicroelectronics P45NF06 Datasheet HTML 4Page - STMicroelectronics P45NF06 Datasheet HTML 5Page - STMicroelectronics P45NF06 Datasheet HTML 6Page - STMicroelectronics P45NF06 Datasheet HTML 7Page - STMicroelectronics P45NF06 Datasheet HTML 8Page - STMicroelectronics P45NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STB45NF06, STP45NF06
Electrical ratings
Doc ID 7433 Rev 5
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
60
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
38
A
ID
Drain current (continuous) at TC = 100°C
26
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
152
A
PTOT
Total dissipation at TC = 25°C
80
W
Derating factor
0.53
W/°C
dv/dt(2)
2.
ISD ≤38A, di/dt ≤300A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
8
V/ns
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D2PAK
TO-220
Rthj-case Thermal resistance junction-case max
1.87
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
Rthj-pcb
(1)
1.
When mounted on 1 inch2 FR-4 2 oz Cu board.
Thermal resistance junction - pcb max
35
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
19
A
EAS
Single pulse avalanche energy
(starting Tj=25°C, Id=Iar, Vdd=40 V)
260
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com