Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTO812T Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MTO812T
Description  ??5째C to 85째 C operation 50 V for 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTO812T Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MTO812T Datasheet HTML 1Page - Interpoint Corporation Company MTO812T Datasheet HTML 2Page - Interpoint Corporation Company MTO812T Datasheet HTML 3Page - Interpoint Corporation Company MTO812T Datasheet HTML 4Page - Interpoint Corporation Company MTO812T Datasheet HTML 5Page - Interpoint Corporation Company MTO812T Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
MTO Rev C 20100212
www.interpoint.com
Figure 4
mTO2815T efficiency
Representative of all models
66
70
72
78
82
6
10
12
68
74
76
80
2
4
8
14
16
18 VIN
28 VIN
36 VIN
Output Power (Watts)
Typical Performance Curve: 25°C Tc
pin out
BOTTOM VIEW
MTO
10
9
8
7
6
1
2
3
4
5
Squared corner and dot on
top of cover indicate pin one.
Dotted line outlines flanged package option.
see cases F4 and J5 for dimensions
Figure 3: pin Out
pin designation
1
Positive Input
2
+5 VDC Output
3
Output Common
4
Negative Aux. Output
5
Positive Aux. Output
6
No Connection
7
Case Ground
8
Inhibit
9
No Connection
10 Input Common
model numbering key
MTO 28 12 T
F / ES
Base Model
Input Voltage
Output Voltage
Number of Outputs
(T = triple)
(Aux. Vout)
Screening
Case Option
(Non-flanged case has no designator in
this position)
(Standard screening has no designator
in this position.)
Positive
Input
10K
3.9K
2N3904
Optional
Pullup
(1)
(2)
(10)
13V
3K
9K
BIAS
Input
Common
Inhibit
Figure 2: inhibit interFaCe eXample
mTO seRIes
15 WATT
DC/DC Converters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com