Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTO812T Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MTO812T
Description  ??5째C to 85째 C operation 50 V for 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTO812T Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MTO812T Datasheet HTML 1Page - Interpoint Corporation Company MTO812T Datasheet HTML 2Page - Interpoint Corporation Company MTO812T Datasheet HTML 3Page - Interpoint Corporation Company MTO812T Datasheet HTML 4Page - Interpoint Corporation Company MTO812T Datasheet HTML 5Page - Interpoint Corporation Company MTO812T Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
MTO Rev C 20100212
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • power@crane-eg.com
www.interpoint.com
Features
• –55°C to +85° C operation
• 16 to 36 VDC input
• 50 V for 50 ms transient protection
• Fully isolated
• Fixed frequency switching
• Inhibit function
• Indefinite short circuit protection
• Up to 79% efficiency
mODels
VDC Output
triple
+5 & ±12
+5 & ±15
Description
Interpoint’s mTO series™ of DC/DC converters delivers 15 watts of output
power with three output voltages and a choice of two input voltage ranges.
The mTO series converters are packaged in hermetically sealed metal
cases and operate at full load over a case temperature range of -55°C to
+85°C (measured at the base plate of the converter).
COnVerter Design
The push-pull forward topology coupled with pulse-width modulation
minimizes output noise and maintains good regulation. Nominal switching
frequency is 250 kHz. Although an internal input filter reduces input ripple
current, for applications requiring conformance to mIl-sTD-461C, Ce03,
use the mTO in conjunction with Interpoint’s Fm-461 emI filter.
Operating at maximum ratings may require removing self-generated heat.
To increase heat dissipation, heat conducting material can be used in
contact with the converter’s base plate. Interpoint’s Thermal mounting Pad
(TmP), model TmP-002, is designed for use with the mTO converter.
Features
An inhibit terminal, pin 8, provides shut-down and start-up control. Applying
a logic low (<0.8 V) will disable the output of the converter reducing input
current to 8 mA, typical. leaving the terminal unconnected or connecting it
to Vin will enable the converter. The inhibit pin has an open circuit voltage
of approximately 10 volts.
soft-start provides a controlled 20 milliseconds turn-on to minimize inrush
current and reduce overshoot at initial start-up or when inhibit is released.
Internal current limiting circuitry protects all three outputs against short
circuits. When output power exceeds approximately 125% of maximum
output power, the output currents are limited. In addition, separate current
limiting circuitry protects each output individually.
paCkaging
mTOconvertersarepackagedinhermeticallysealedmetalcases.Thecases
are constructed of cold-
rolled steel with a fused tin
finish. mTO converters can
be purchased in a flanged
or non-flanged case. The
flanged option provides
increased heat dissipation
and also provides greater
stability when mechanically
secured.
size (max.): Non-flanged, case F4, 1.950 x 1.350 x 0.505 inches (49.53 x 34.29 x 12.83 mm)
Flanged, case J5, 2.720 x 1.350 x 0.505 inches (69.09 x 34.29 x 12.83 mm)
see cases F4 and J5 for dimensions.
Weight:
53 grams typical
screening: standard or es. see screening table for more information.
7
Short Circuit Amp
Linear
Regulator
Linear
Regulator
Pass Transistor
Pass Transistor
Pulse
Width
Modulator
Pre-
Regulator
Case Ground
Error
Amp
8
Inhibit
1
Positive
Input
10
Input
Common
2
3
5
4
+5 Vout
Output
Common
Positive
Auxiliary
Output
Negative
Auxiliary
Output
Figure 1: simpliFieD sChematiC
mTO seRIes
15 WATT
DC/DC Converters
28 volt Input
not reCoMMenDeD For neW DesIGns


Similar Part No. - MTO812T

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
MTO-C2 PF-MTO-C2 Datasheet
299Kb / 2P
Code carrier
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
DC/DC CONVERTERS 12 & 28 VOLT INPUT
MTO1212TES CRANE-MTO1212TES Datasheet
180Kb / 9P
DC/DC CONVERTERS 12 & 28 VOLT INPUT
MTO1212TF CRANE-MTO1212TF Datasheet
180Kb / 9P
DC/DC CONVERTERS 12 & 28 VOLT INPUT
More results

Similar Description - MTO812T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR120 INTERPOINT-HR120 Datasheet
430Kb / 6P
??0째C to 85째C operation 50 V for up to 50 ms transient protection
HR150 INTERPOINT-HR150 Datasheet
466Kb / 7P
-40째C to 85째C operation Transient protection 50 V for 50 ms
HR700 INTERPOINT-HR700 Datasheet
480Kb / 7P
??0째C to 85째C operation 50 V for 50 ms transient protection
MFW2812D INTERPOINT-MFW2812D_10 Datasheet
491Kb / 7P
??5째C to 85째C operation 50 V for 50 ms transient protection
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
logo
Shoulder Electronics Li...
HDF1575AS6 SHOULDER-HDF1575AS6 Datasheet
201Kb / 9P
No impedance matching require for operation at 50
logo
List of Unclassifed Man...
SFC5300 ETC2-SFC5300 Datasheet
574Kb / 10P
Ultra-fast settling time (down to 50 ms)
SFC5400 ETC2-SFC5400 Datasheet
630Kb / 12P
Ultra-fast settling time (down to 50 ms)
logo
ABLIC Inc.
S-19200A ABLIC-S-19200A Datasheet
1Mb / 37P
AUTOMOTIVE, 105°C OPERATION, 50 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
S-19720 ABLIC-S-19720 Datasheet
821Kb / 29P
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 50 mA VOLTAGE TRACKER WITH REVERSE CURRENT PROTECTION
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com