Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS5JS Datasheet(PDF) 2 Page - OptoSupply International

Part # FRS5JS
Description  850nm & 940nm Infrared LED Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

FRS5JS Datasheet(HTML) 2 Page - OptoSupply International

  FRS5JS Datasheet HTML 1Page - OptoSupply International FRS5JS Datasheet HTML 2Page - OptoSupply International FRS5JS Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Product Picture and Dimensions:
Unit: mm
Tolerance: +0.5
Device Selection Guide
.
Module No.
Wavelength
(Typ.)
LED Module
Beam Angle
Pattern
FRS5IS
850nm
60 deg
FRS5IC
850nm
120 deg
FRS5JS
940nm
60 deg
Model No.
FRS5XX
REV.
C2
0
0
0
0
0
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com