Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS5JS Datasheet(PDF) 1 Page - OptoSupply International

Part # FRS5JS
Description  850nm & 940nm Infrared LED Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

FRS5JS Datasheet(HTML) 1 Page - OptoSupply International

  FRS5JS Datasheet HTML 1Page - OptoSupply International FRS5JS Datasheet HTML 2Page - OptoSupply International FRS5JS Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
850nm & 940nm Infrared LED Module
Specifications
:
•
Diameter(outer): 52.5mm
•
Diameter(inner): 18.75mm
•
Height: 12mm
•
LEDs: 36pcs
•
Each LED watts: 0.06W
•
Total Watts: 2.4W
•
Volts: 12-15Volts DC
•
Lifetime: 20,000hrs
Features
:
•
IR Power On –CDS Auto Control
•
IR Wavelength 850nm or 940nm
•
Color Transparent Type
•
Superior UV Resistance
•
0 Lux with IR LED ON. Adopt high Radiant Power IR LED, having very good
night-vision effect
Application
:
•
Pickup device
•
CCTV camera, IR camera
•
Monitoring devices. Remote controlling
Model No.
FRS5XX
REV.
C2


Similar Part No. - FRS5JS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
FRS5JS OPTOSUPPLY-FRS5JS Datasheet
113Kb / 3P
850nm & 940nm Infrared LED Module Each LED watts: 0.06W
More results

Similar Description - FRS5JS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-I3CAS1C1A OPTOSUPPLY-OSPRO2X2-I3CAS1C1A Datasheet
68Kb / 4P
850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-I3CAS1C1A OPTOSUPPLY-OSPRO2X3-I3CAS1C1A Datasheet
69Kb / 4P
12V 850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
FRS5XX OPTOSUPPLY-FRS5XX Datasheet
113Kb / 3P
850nm & 940nm Infrared LED Module Each LED watts: 0.06W
OSFKS5XX OPTOSUPPLY-OSFKS5XX Datasheet
69Kb / 3P
PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
OSPRO2X2-XXXAS1C1A OPTOSUPPLY-OSPRO2X2-XXXAS1C1A Datasheet
68Kb / 4P
850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-XXXAS1C1A OPTOSUPPLY-OSPRO2X3-XXXAS1C1A Datasheet
69Kb / 4P
12V 850nm & 940nm Infrared SMD LED Ring Total Watts: 0.3W
OSI5XNE3E1E OPTOSUPPLY-OSI5XNE3E1E Datasheet
140Kb / 2P
Xeon 3 Power 940nm Infrared Emiitttter LED
logo
STANLEY ELECTRIC CO.,LT...
TAN1109F-TR STANLEY-TAN1109F-TR Datasheet
574Kb / 21P
Infrared LED (Peak wavelength : 940nm)
logo
Rohm
RLD94SAQ6 ROHM-RLD94SAQ6 Datasheet
277Kb / 4P
940nm Infrared VCSEL
RLD94SAQ8 ROHM-RLD94SAQ8 Datasheet
748Kb / 5P
940nm Infrared VCSEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com