Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L40C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20L40C
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L40C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20L40C Datasheet HTML 1Page - STMicroelectronics STPS20L40C Datasheet HTML 2Page - STMicroelectronics STPS20L40C Datasheet HTML 3Page - STMicroelectronics STPS20L40C Datasheet HTML 4Page - STMicroelectronics STPS20L40C Datasheet HTML 5Page - STMicroelectronics STPS20L40C Datasheet HTML 6Page - STMicroelectronics STPS20L40C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 2007
Rev 5
1/7
7
STPS20L40C
Low drop power Schottky rectifier
Main product characteristics
Features and benefits
■ Low forward voltage drop meaning very small
conduction losses
■ Low dynamic losses as a result of the schottky
barrier
■ Insulated package: TO-220FPAB
insulating voltage = 200 V DC
capacitance = 12 pF
■ Avalanche capability specified
Description
Dual center tap Schottky rectifiers designed for
high frequency switched mode power supplies
and DC to DC converters.
These devices are intended for use in low voltage,
high frequency inverters, free-wheeling and
polarity protection applications.
IF(AV)
2 x 10 A
VRRM
40 V
Tj (max)
150° C
VF(max)
0.5 V
TO-220FPAB
STPS20L40CFP
A1
A2
K
A1
K
A2
www.st.com


Similar Part No. - STPS20L40C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L40CF STMICROELECTRONICS-STPS20L40CF Datasheet
123Kb / 8P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS20L40CFP STMICROELECTRONICS-STPS20L40CFP Datasheet
123Kb / 8P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS20L40CT STMICROELECTRONICS-STPS20L40CT Datasheet
123Kb / 8P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS20L40CW STMICROELECTRONICS-STPS20L40CW Datasheet
123Kb / 8P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS20L40C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com