Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L40C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20L40C
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L40C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20L40C Datasheet HTML 1Page - STMicroelectronics STPS20L40C Datasheet HTML 2Page - STMicroelectronics STPS20L40C Datasheet HTML 3Page - STMicroelectronics STPS20L40C Datasheet HTML 4Page - STMicroelectronics STPS20L40C Datasheet HTML 5Page - STMicroelectronics STPS20L40C Datasheet HTML 6Page - STMicroelectronics STPS20L40C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS20L40C
4/7
Figure 7.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
0
5
10
15
20
25
30
35
40
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
2E+2
I (mA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =75°C
j
T =25°C
j
12
5
10
20
50
100
1000
2000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Figure 9.
Forward voltage drop versus
forward current (maximum values)
(per diode)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10.0
100.0
I
(A)
FM
V
(V)
FM
T =125°C
j
T =75°C
j
T =150°C
(typical values)
j
T =25°C
j



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com