Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5587 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5587
Description  General-Purpose Compact DC Moter Speed Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5587 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5587 Datasheet HTML 1Page - Sanyo Semicon Device LA5587 Datasheet HTML 2Page - Sanyo Semicon Device LA5587 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA5587
No.2574–2/3
Equivalent Circuit Block Diagram and Test Circuit
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
f
o
c
i
t
s
i
r
e
t
c
a
r
a
h
c
e
g
a
t
l
o
VV C
C
A
m
0
0
1
=
m
I
,
V
6
1
o
t
3
.
6
=6
0
.
0V
/
%
o
i
t
a
r
t
n
u
h
s
f
o
c
i
t
s
i
r
e
t
c
a
r
a
h
c
e
g
a
t
l
o
VV C
C
A
m
0
5
1
–
0
5
=
m
I
,
V
6
1
o
t
3
.
6
=1
.
0V
/
%
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
f
o
c
i
t
s
i
r
e
t
c
a
r
a
h
c
t
n
e
r
r
u
CV C
C
A
m
0
0
2
o
t
0
3
=
m
I
,
V
2
1
=1
0
.
0
–A
m
/
%
o
i
t
a
r
t
n
u
h
s
f
o
c
i
t
s
i
r
e
t
c
a
r
a
h
c
t
n
e
r
r
u
CV C
C
A
m
0
0
2
–
0
5
1
o
t
0
0
1
–
0
5
=
m
I
,
V
2
1
=2
0
.
0A
m
/
%
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
f
o
c
i
t
s
i
r
e
t
c
a
r
a
h
c
e
g
a
t
l
o
VV C
C
A
m
0
=
m
I
,
V
6
1
o
t
6
=1
.
0V
/
%
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
f
o
c
i
t
s
i
r
e
t
c
a
r
a
h
c
e
r
u
t
a
r
e
p
m
e
T
1
0
.
0
–
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
f
o
c
i
t
s
i
r
e
t
c
a
r
a
h
c
e
r
u
t
a
r
e
p
m
e
T
1
0
.
0
–
∆Vref
Vref
/
∆VCC
∆K
K
/
∆VCC
∆Vref
Vref
/
∆Im
∆K
K
/
∆Im
∆Is
Is
/
∆VCC
∆Vref
Vref
/
∆Ta
∆K
K
/
∆Ta
VCC=12V, Im=10mA, Ta=–20 to +80°C
VCC=12V, Im=50–150mA, Ta=–20 to +80°C
%/˚C
%/˚C
Sample Application Circuit
From Im · Rm + EO=RT (IS +
) + Vref,
EO=Vref + RT (1 +
) IS + (
–Rm) Im
Assuming K · Rm=RT,
The number of revolutions is determined by
EO=Vref + RT (1 +
) IS
Unless RT (max) < K · Rm (min) in the Sample
Application Circuit, the operation becomes
unstable.
IS + Im
K
1
K
RT
K
1
K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com