Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5587 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA5587
Description  General-Purpose Compact DC Moter Speed Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5587 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA5587 Datasheet HTML 1Page - Sanyo Semicon Device LA5587 Datasheet HTML 2Page - Sanyo Semicon Device LA5587 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Monolithic Linear IC
General-Purpose
Compact DC Moter Speed Controller
Ordering number:ENN2574A
LA5587
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
40500TN (KT)/8280TS/6237KI, TS No.2574–1/3
9.4
0.6
2.0
1.5
0.6
1
5
0.25
1.33
3.0
Package Dimensions
unit:mm
3042C-SIP5
[LA5587]
SANYO : SIP5
Features
• On-chip stable voltage reference meeting the requirements
for various motors.
• Wide operating voltage range (3.8 to 16V).
• Minimum number of external parts required and small-
sized package.
• Facilitates speed control.
• On-chip kickback absorber.
• On-chip protector against inverted connection to power
supply.
Operating Conditions at Ta = 25˚C
Specifications
Maximum Ratings at Ta = 25˚C
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
m
u
m
i
x
a
MV C
C
x
a
m
8
1V
t
n
e
r
r
u
c
r
o
t
o
Mx
a
m
m
Ie
d
o
m
k
c
o
l
r
o
N
O
h
c
t
i
w
S
4
.
1A
n
o
i
t
a
p
i
s
s
d
r
e
w
o
p
e
l
b
a
w
o
ll
Ax
a
m
d
P
2
.
1W
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
0
8
+
o
t
0
2
–
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
4
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
o
d
e
d
n
e
m
m
o
c
e
RV C
C
p
o
6
1
o
t
8
.
3V
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
d
e
d
n
e
m
m
o
c
e
Rr
p
o
T
0
8
+
o
t
0
2
–
˚C
Operating Characteristics at Ta = 25˚C, See Test Circuit.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
Rf
e
r
VV C
C
A
m
0
1
=
m
I
,
V
2
1
=8
0
.
11
2
.
17
2
.
1V
n
i
a
r
d
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
Qd
IV C
C
A
m
0
=
m
I
,
V
2
1
=0
.
16
.
1A
m
o
i
t
a
r
t
n
u
h
SK
V C
C
A
m
0
5
1
–
0
5
=
m
I
,
V
2
1
=8
10
22
2
e
g
a
t
l
o
v
l
a
u
d
i
s
e
R)
t
a
s
(
VV C
C
R
,
V
2
.
4
=
T
4
.
4
=
Ω
4
9
.
0V
Continued on next page.


Similar Part No. - LA5587

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5586 SANYO-LA5586 Datasheet
64Kb / 3P
General-Purpose Compact DC Motor Speed Controller
LA5588 SANYO-LA5588 Datasheet
71Kb / 3P
General-Purpose Compact DC Moter Speed Controller?
More results

Similar Description - LA5587

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2402 SAMSUNG-KA2402 Datasheet
59Kb / 4P
DC MOTOR SPEED CONTROLLER
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
DC MOTOR SPEED CONTROLLER
S1A2402C01 SAMSUNG-S1A2402C01 Datasheet
48Kb / 4P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5586 SANYO-LA5586 Datasheet
64Kb / 3P
General-Purpose Compact DC Motor Speed Controller
LA5588 SANYO-LA5588 Datasheet
71Kb / 3P
General-Purpose Compact DC Moter Speed Controller?
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5537N SANYO-LA5537N Datasheet
91Kb / 2P
CONSUMER USE COMPACT DC MOTOR SPEED CONTROLLER
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
COMPACT DC MOTOR SPEED CONTROLLER
logo
Omron Electronics LLC
G3VM61D1 OMRON-G3VM61D1 Datasheet
321Kb / 4P
Compact, General-purpose, Analog-switching
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
Compact, General purpose MFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com