Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS41L60C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS41L60C
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L60C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS41L60C Datasheet HTML 1Page - STMicroelectronics STPS41L60C Datasheet HTML 2Page - STMicroelectronics STPS41L60C Datasheet HTML 3Page - STMicroelectronics STPS41L60C Datasheet HTML 4Page - STMicroelectronics STPS41L60C Datasheet HTML 5Page - STMicroelectronics STPS41L60C Datasheet HTML 6Page - STMicroelectronics STPS41L60C Datasheet HTML 7Page - STMicroelectronics STPS41L60C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS41L60C
2/8
1
Characteristics
When the diodes 1 and 2 are used simultaneously :
ΔTj(diode 1) = P(diode1) x R
th(j-c)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.42 x IF(AV) + 0.007 x IF
2
(RMS)
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
Total
1.5
0.8
° C/W
Rth (c)
Coupling
0.1
Table 3.
Static electrical characteristics (per diode)
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
600
µA
Tj = 125° C
100
175
mA
VF
(1)
Forward voltage drop
Tj = 25° C
IF = 20 A
0.60
V
Tj = 125° C
IF = 20 A
0.50
0.58
Tj = 25° C
IF = 40A
0.77
Tj = 125° C
IF = 40A
0.67
0.71
1.
Pulse test: tp = 380 µs, δ < 2%
Figure 1.
Conduction losses versus
average current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
P
(W)
F(av)
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
I
(A)
F(av)
I
(A)
F(av)
0
2
4
6
8
10
12
14
16
18
20
22
0
25
50
75
100
125
150
R
th(j-a)=Rth(j-c)
R
th(j-a)=50 °C/W
T
δ=tp/T
tp
T
(°C)
amb



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com