Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS41L60C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS41L60C
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L60C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS41L60C Datasheet HTML 1Page - STMicroelectronics STPS41L60C Datasheet HTML 2Page - STMicroelectronics STPS41L60C Datasheet HTML 3Page - STMicroelectronics STPS41L60C Datasheet HTML 4Page - STMicroelectronics STPS41L60C Datasheet HTML 5Page - STMicroelectronics STPS41L60C Datasheet HTML 6Page - STMicroelectronics STPS41L60C Datasheet HTML 7Page - STMicroelectronics STPS41L60C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2007
Rev 5
1/8
8
STPS41L60C
Power Schottky rectifier
Main product characteristics
Features and benefits
■ Low forward voltage drop
■ Negligible switching losses
■ Low thermal resistance
■ Avalanche capability specified
Description
Dual center tap Schottky rectifiers suited for
switch mode power supplies and high frequency
DC to DC converters.
Packaged in D2PAK, I2PAK and TO-220AB, this
device is intended for use in low voltage, high
frequency inverters, free-wheeling and polarity
protection applications.
IF(AV)
2 x 20 A
VRRM
60 V
Tj (max)
150° C
VF (max)
0.58 V
A1
K
A2
K
A1
A2
A1
K
A2
K
A1
K
A2
K
TO-220AB
STPS41L60CT
D2PAK
STPS41L60CG
I2PAK
STPS41L60CR
Table 1.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
TC = 125° C
δ = 0.5
Per diode
Per device
20
40
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
220
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
9500
W
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Maximum operating junction temperature(1)
150
° C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
www.st.com


Similar Part No. - STPS41L60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Inchange Semiconductor ...
STPS41L60CG ISC-STPS41L60CG Datasheet
275Kb / 2P
Schottky Rectifier
logo
STMicroelectronics
STPS41L60CG-TR STMICROELECTRONICS-STPS41L60CG-TR Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CR STMICROELECTRONICS-STPS41L60CR Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CT STMICROELECTRONICS-STPS41L60CT Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS41L60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com