Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS61L45CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS61L45CT
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS61L45CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS61L45CT Datasheet HTML 1Page - STMicroelectronics STPS61L45CT Datasheet HTML 2Page - STMicroelectronics STPS61L45CT Datasheet HTML 3Page - STMicroelectronics STPS61L45CT Datasheet HTML 4Page - STMicroelectronics STPS61L45CT Datasheet HTML 5Page - STMicroelectronics STPS61L45CT Datasheet HTML 6Page - STMicroelectronics STPS61L45CT Datasheet HTML 7Page - STMicroelectronics STPS61L45CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2007
Rev 1
1/8
8
STPS61L45C
Power Schottky rectifier
Features
■ High current capability
■ Avalanche rated
■ Low forward voltage drop current
■ High frequency operation
Description
Dual center tap schottky rectifier suited for high
frequency switch mode power supplies.
Packaged in TO-247 and TO-220AB, this device
provides desktop SMPS designers with a low
forward voltage drop device, and reduced leakage
current, with the objective of making the
application compliant with environmental care
standards, or suitable for 80+ requirements.
Table 1.
Device summary
IF(AV)
2 x 30 A
VRRM
45 V
Tj (max)
150 °C
VF(typ)
0.45 V
A1
K
A2
A1
K
K
A2
TO-220AB
STPS61L45CT
A1
K
A2
TO-247
STPS61L45CW
www.st.com


Similar Part No. - STPS61L45CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
STPS61L45CT THINKISEMI-STPS61L45CT Datasheet
531Kb / 2P
60 Ampere,45 Volt Dual Common Cathode Super Schottky Barrier Rectifier
Rev.12T
logo
Inchange Semiconductor ...
STPS61L45CT ISC-STPS61L45CT Datasheet
295Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - STPS61L45CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com