Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA2006PI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA2006PI
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA2006PI Datasheet(HTML) 3 Page - STMicroelectronics

  STTA2006PI Datasheet HTML 1Page - STMicroelectronics STTA2006PI Datasheet HTML 2Page - STMicroelectronics STTA2006PI Datasheet HTML 3Page - STMicroelectronics STTA2006PI Datasheet HTML 4Page - STMicroelectronics STTA2006PI Datasheet HTML 5Page - STMicroelectronics STTA2006PI Datasheet HTML 6Page - STMicroelectronics STTA2006PI Datasheet HTML 7Page - STMicroelectronics STTA2006PI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STTA2006P/PI
3/8
P1(W)
02468
10
12
14
16
18
20
0
10
20
30
40
50
=0.2
=0 . 5
=1
IF(av)(A)
T
=tp/T
tp
=0.1
Fig. 1: Conduction losses versus average current.
VFM(V)
0.1
1
10
100 200
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
MAXIMUM VALUES
IFM(A)
Tj=125 C
o
Fig. 2: Forward voltage drop versus forward
current.
Fig. 3: Relative variation of thermal transient
impedance junction to case versus pulse duration.
IRM(A)
0
100 200 300 400 500 600 700 800 900 1000
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
VR=400V
90% CONFIDENCE Tj=125 C
o
dIF/dt(A/ s)
IF=20A
IF=10A
IF=40A
Fig. 4: Peak reverse recovery current versus
dIF/dt.
trr(ns)
0
100 200 300 400 500 600 700 800 900 1000
0
25
50
75
100
125
150
175
200
225
250
VR=400V
90% CONFIDENCE Tj=125 C
o
dIF/dt(A/ s)
IF=20A
IF=10A
IF=40A
Fig. 5: Reverse recovery time versus dIF/dt.
Sfactor
0
100 200 300 400 500 600 700 800 900 1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
dIF/dt(A/ s)
VR=400V
IF<2xIF(av)
Typical values Tj=125 C
o
Fig. 6: Softness factor (tb/ta) versus dIF/dt.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com