Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA2006PI Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTA2006PI
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA2006PI Datasheet(HTML) 4 Page - STMicroelectronics

  STTA2006PI Datasheet HTML 1Page - STMicroelectronics STTA2006PI Datasheet HTML 2Page - STMicroelectronics STTA2006PI Datasheet HTML 3Page - STMicroelectronics STTA2006PI Datasheet HTML 4Page - STMicroelectronics STTA2006PI Datasheet HTML 5Page - STMicroelectronics STTA2006PI Datasheet HTML 6Page - STMicroelectronics STTA2006PI Datasheet HTML 7Page - STMicroelectronics STTA2006PI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STTA2006P/PI
4/8
0
25
50
75
100
125
150
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
IRM
Sfactor
Tj(oC)
Fig. 7: Relative variation of dynamic parameters
versus junction temperature (reference Tj=125°C).
VFP(V)
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IF=IF(av)
90% CONFIDENCE Tj=125 C
o
dIF/dt(A/ s)
Fig. 9: Transient peak forward voltage versus
dIF/dt.
tfr(ns)
0
50 100 150 200 250 300 350 400 450 500
0
50
100
150
200
250
300
350
400
450
500
550
600
90% CONFIDENCE Tj=125 C
o
dIF/dt(A/ s)
VFr=1.1*VF max.
IF=IF(av)
Fig. 9: Forward recovery time versus dIF/dt.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com