Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH110RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH110RL
Description  High voltage ultrafast rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH110RL Datasheet(HTML) 1 Page - STMicroelectronics

  STTH110RL Datasheet HTML 1Page - STMicroelectronics STTH110RL Datasheet HTML 2Page - STMicroelectronics STTH110RL Datasheet HTML 3Page - STMicroelectronics STTH110RL Datasheet HTML 4Page - STMicroelectronics STTH110RL Datasheet HTML 5Page - STMicroelectronics STTH110RL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 2009
Doc ID 9344 Rev 2
1/6
6
STTH110
High voltage ultrafast rectifier
Features
■ Low forward voltage drop
■ High reliability
■ High surge current capability
■ Soft switching for reduced EMI disturbances
■ Planar technology
Description
The STTH110, which is using ST ultrafast high
voltage planar technology, is specially suited for
free-wheeling, clamping, snubbering,
demagnetization in power supplies and other
power switching applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
1 A
VRRM
1000 V
Tj (max)
175 °C
VF(max)
1.42 V
K
A
K
A
SMA
(JEDEC DO-214AC)
STTH110A
DO-41
STTH110
www.st.com


Similar Part No. - STTH110RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH110RL STMICROELECTRONICS-STTH110RL Datasheet
46Kb / 5P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
More results

Similar Description - STTH110RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
High voltage ultrafast rectifier
20-Mar-2007
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
High Voltage Ultrafast Rectifier
21-Aug-13
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
High Voltage Ultrafast Rectifier
07-Dec-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
High Voltage Ultrafast Rectifier
13-May-08
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
Ultrafast high voltage rectifier
May 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com