Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302CFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1302CFP
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302CFP Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1302CFP Datasheet HTML 1Page - STMicroelectronics STTH1302CFP Datasheet HTML 2Page - STMicroelectronics STTH1302CFP Datasheet HTML 3Page - STMicroelectronics STTH1302CFP Datasheet HTML 4Page - STMicroelectronics STTH1302CFP Datasheet HTML 5Page - STMicroelectronics STTH1302CFP Datasheet HTML 6Page - STMicroelectronics STTH1302CFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
STTH1302CT/CG/CFP
®
October 2003 - Ed: 2A
HIGH EFFICIENCY ULTRAFAST DIODE
IF(AV)
2 x 6.5 A
VRRM
200 V
Tj (max)
175 °C
VF (max)
0.95 V
trr (max)
25 ns
MAIN PRODUCT CHARACTERISTICS
s
Suited for SMPS
s
Low losses
s
Low forward and reverse recovery times
s
High surge current capability
s
High junction temperature
s
Insulated package: TO-220FPAB:
Insulation voltage = 2000 VDC
Capacitance = 12 pF
FEATURES AND BENEFITS
Dual center tap rectifier suited for Switch
Mode Power Supplies and high frequency DC to
DC converters.
This device is especially intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection applications.
DESCRIPTION
TO-220AB
STTH1302CT
A1
A2
K
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average forward
current
δ = 0.5
TO-220AB /
Tc = 155°C
Per diode
6.5
A
D
2PAK
Tc = 145°C
Per device
13
TO-220FPAB
Tc = 135°C
Per diode
6.5
A
Tc = 110°C
Per device
13
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoïdal
70
A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
ABSOLUTE RATINGS (limiting values, per diode)
A1
A2
K
D2PAK
STTH1302CG
A1
A2
K
TO-220FPAB
STTH1302CFP
A1
A2
K


Similar Part No. - STTH1302CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1302CFP STMICROELECTRONICS-STTH1302CFP Datasheet
112Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Aug-2002
More results

Similar Description - STTH1302CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH6002C STMICROELECTRONICS-STTH6002C_06 Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com