Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302CFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1302CFP
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302CFP Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1302CFP Datasheet HTML 1Page - STMicroelectronics STTH1302CFP Datasheet HTML 2Page - STMicroelectronics STTH1302CFP Datasheet HTML 3Page - STMicroelectronics STTH1302CFP Datasheet HTML 4Page - STMicroelectronics STTH1302CFP Datasheet HTML 5Page - STMicroelectronics STTH1302CFP Datasheet HTML 6Page - STMicroelectronics STTH1302CFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STTH1302CT/CG/CFP
4/7
0
10
20
30
40
50
60
70
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
T =25°C
C
T =75°C
C
T =125°C
C
I (A)
M
IM
t
δ=0.5
Fig. 5-2: Non repetitive surge peak forward current
versus
overload
duration
per
diode
(TO-220FPAB).
0
10
20
30
40
50
60
70
80
10
100
1000
trr(ns)
Tj=25°C
T =125°C
j
I =6.5A
V =100V
F
R
dI /dt(A/µs)
F
Fig. 9: Reverse recovery time versus dIF/dt (90%
confidence, per diode).
10
100
1
10
100
1000
V (V)
R
F=1MHz
V
=30V
Tj=25°C
OSC
RMS
C(nF)
Fig. 7:
Junction capacitance versus reverse
voltage applied (typical values, per diode).
0
1
2
3
4
5
6
7
8
0
25
50
75
100
125
150
175
T
(°C)
amb
Rth
=Rth
(j-a)
(j-c)
D²PAK (S=1cm²)
Rth
=50°C/W
(j-a)
TO-220AB/D²PAK
TO-220FPAB
I
(A)
F(AV)
Fig. 6: Average forward current versus ambient tem-
perature (
δ=0.5, per diode).
0
20
40
60
80
100
120
140
160
180
200
220
240
10
100
1000
dI /dt(A/µs)
F
Q
(nC)
RR
I =6.5A
V =200V
F
R
T =125°C
j
Tj=25°C
Fig. 8: Reverse recovery charges versus dIF/dt
(90% confidence, per diode).
0
2
4
6
8
10
12
10
100
1000
I
(A)
RM
Tj=25°C
T =125°C
j
I =6.5A
V =100V
F
R
dI /dt(A/µs)
F
Fig. 10: Reverse recovery current versus dIF/dt
(90% confidence, per diode).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com