Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302CG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1302CG
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302CG Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1302CG Datasheet HTML 1Page - STMicroelectronics STTH1302CG Datasheet HTML 2Page - STMicroelectronics STTH1302CG Datasheet HTML 3Page - STMicroelectronics STTH1302CG Datasheet HTML 4Page - STMicroelectronics STTH1302CG Datasheet HTML 5Page - STMicroelectronics STTH1302CG Datasheet HTML 6Page - STMicroelectronics STTH1302CG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STTH1302CT/CG/CFP
2/7
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB / D
2PAK
Per diode
3
°C/W
TO-220FPAB
5.5
TO-220AB / D
2PAK
Total
1.9
°C/W
TO-220FPAB
4.5
Rth (c)
Coupling
TO-220AB / D
2PAK
0.8
°C/W
TO-220FPAB
3.5
THERMAL RESISTANCES
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage Current
Tj = 25°C
VR =VRRM
6
µA
Tj = 125°C
3
60
VF**
Forward Voltage drop
Tj = 25°C
IF = 6.5 A
1.1
V
Tj = 125°C
IF = 6.5 A
0.81
0.95
Tj = 25°C
IF = 13 A
1.25
Tj = 125°C
IF = 13 A
0.95
1.1
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Pulse test :
* tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation :
P=0.80xIF(AV) + 0.023 x IF
2
(RMS)
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25°C
IF = 0.5 A
Irr = 0.25 A
IR =1A
16
25
ns
tfr
Forward recovery time
Tj = 25°C
IF = 6.5 A
dIF/dt = 100 A/µs
VFR =1.1xVF max
70
ns
VFP
Forward recovery voltage
Tj = 25°C
IF = 6.5 A
dIF/dt = 100 A/µs
2.2
V
DYNAMIC CHARACTERISTICS (per diode)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com