Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302CG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1302CG
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302CG Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1302CG Datasheet HTML 1Page - STMicroelectronics STTH1302CG Datasheet HTML 2Page - STMicroelectronics STTH1302CG Datasheet HTML 3Page - STMicroelectronics STTH1302CG Datasheet HTML 4Page - STMicroelectronics STTH1302CG Datasheet HTML 5Page - STMicroelectronics STTH1302CG Datasheet HTML 6Page - STMicroelectronics STTH1302CG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTH1302CT/CG/CFP
3/7
P
(W)
F(AV)
0
1
2
3
4
5
6
7
8
012
3456
78
I
(A)
F(AV)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0.1
1.0
1.E-02
1.E-01
1.E+00
1.E+01
T
δ=tp/T
tp
tp(s)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Zth
/ Rth
(j-c)
(j-c)
Fig. 4-2:
Relative variation of thermal impedance
junction to case versus pulse duration (TO-220FPAB).
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
(V)
FM
T =125°C
Typical values
j
T =25°C
Maximum values
j
I
(A)
FM
T =125°C
Maximum values
j
Fig. 3: Forward voltage drop versus forward cur-
rent (per diode).
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P=5W
P=2W
P=10W
I (A)
M
δ
T
δ=tp/T
tp
IM
Fig. 2: Peak current versus factor (per diode).
Zth
/ Rth
(j-c)
(j-c)
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
tp(s)
Fig. 4-1:
Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AB /
D
2PAK).
0
10
20
30
40
50
60
70
80
90
100
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
T =25°C
C
T =75°C
C
T =125°C
C
I (A)
M
IM
t
δ=0.5
Fig. 5-1: Non repetitive surge peak forward cur-
rent
versus
overload
duration
per
diode
(TO-220AB / D
2PAK).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com